công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEF22504HT bảng dữ liệu(PDF) 86 Page - Infineon Technologies AG

tên linh kiện PEF22504HT
Giải thích chi tiết về linh kiện  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT bảng dữ liệu(HTML) 86 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 82Page - Infineon Technologies AG PEF22504HT Datasheet HTML 83Page - Infineon Technologies AG PEF22504HT Datasheet HTML 84Page - Infineon Technologies AG PEF22504HT Datasheet HTML 85Page - Infineon Technologies AG PEF22504HT Datasheet HTML 86Page - Infineon Technologies AG PEF22504HT Datasheet HTML 87Page - Infineon Technologies AG PEF22504HT Datasheet HTML 88Page - Infineon Technologies AG PEF22504HT Datasheet HTML 89Page - Infineon Technologies AG PEF22504HT Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 255 page
background image
QuadLIU
TM
PEF 22504
Functional Description
Data Sheet
86
Rev. 1.3, 2006-01-25
This example uses the 300
Ω switch to switch between 100 Ω and 75 Ω termination resistance for the different line
impedances, the analog switch is not used.
3.7.3.2
Receive Line Monitoring Mode (RLM)
For short-haul monitoring applications, the receive equalizer can be switched into receive line monitoring mode
(RLM) by setting of the register bit LIM0.RLM. One channel is used as a short-haul receiver while the other is used
as a short-haul monitor, see Figure 25. In this mode the receiver sensitivity of the monitor is increased to detect
an incoming signal of -20 dB resistive attenuation.
Figure 25
Principle of Receive Line Monitoring RLM (shown for one line)
3.7.3.3
Monitoring Application using RLM
A monitoring application using the receive line monitoring mode is shown in Figure 26. Both, the 300
Ω switch and
the separate analog switch are always óff´, so that in P/PG-LBGA-160-1 package the pins RLAS2 can be
connected to VSSX and HW compatibility to the QuadLIU
TM V2.1 is fullfiled.
Table 15
Generic Receiver Configuration Example
Line Impedance Z
0
External Resistor
R
E
External Resistors
R
S1 and RS2
300 Ohm Switch
Analog Switch
120
Ω
100
Ω (for common
E1/T1/J1
applications)
----
off
not used
100
Ω
off
75
Ω
on
FALC®
(Receiver)
FALC®
(Monitor)
RL1
E1/T1/J1
Receive
Line
LIM0.RLM=0
LIM0.RLM=1
R
E
R3
R3
RL2
RL1
RL2
t2 : t1
t2 : t1
resistive -20 dB network
F0074
R
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com