| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PEF22504HT bảng dữ liệu(PDF) 71 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEF22504HT bảng dữ liệu(HTML) 71 Page - Infineon Technologies AG |
|
71 / 255 page ![]() Data Sheet 71 Rev. 1.3, 2006-01-25 QuadLIU TM PEF 22504 Functional Description Figure 12 SCI Message Structure of QuadLIU TM Every write into or read from a register of the QuadLIU TM is initiated by a command message CMD from the Host (micro con roller) and is then confirmed by an acknowledge message ACK from the QuadLIU TM if in the SCI configuration automatic acknowledgement is set (bit ACK_EN, see Table 9). Read commands are always confirmed, independent on the bit ACK_EN. The frame structure of this messages are shown in Figure 13. In general the LSB of every byte is transmitted first and lower bytes are transmitted before higher bytes (regarding the register address) Source and destination addresses are 8 bits long. Only the first 6 bits are really used for addressing. The bit C/R (Command/Response) distinguishes between a command and a response. The bit MS (Master/Slave) is ´0B´ for all Slaves and ´1B´ for all masters, see Table 9 and Figure 13 The source address is defined by pinstrapping of A5 to A0 after reset, but other values can be configured by programming of the SCI configuration register. The payload of the write CMD includes two control bits (MSBs of the payload), which distinguish between the different kind of commands, see Table 8, the 14 bit wide register address and the 8 bit wide data whereas the read CMD payload includes only the control bits and the register address. Register addresses can be either QuadLIU TM register addresses or SCI configuration register addresses. Because of the address space of the QuadLIU TM, really 10 LSBs of the 14 bit address are used in the QuadLIU TM. The 4 MSBs are ignored The payload of the read ACK includes the content of the register (one byte) in addition to the payload of the write ACK. The Frame Check Sequence FCS has 16 bits and is build (or checked) over the address and payload according to ISO 3309-1984. The Read Status Byte RSTA of the acknowledge message shows the status of the received message and is built by the SCI interface of the QuadLIU TM, see Figure 15 and Table 7. The destination address in the ACK message is always the source address of the corresponding CMD (the address of the micro controller), see Figure 14, because no CMD messages will be sent by the QuadLIU TM SCI interface HOST QuadLIU CMD ACK QLIU_SCI_message_structure |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |