công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEF22504HT bảng dữ liệu(PDF) 79 Page - Infineon Technologies AG

tên linh kiện PEF22504HT
Giải thích chi tiết về linh kiện  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT bảng dữ liệu(HTML) 79 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 75Page - Infineon Technologies AG PEF22504HT Datasheet HTML 76Page - Infineon Technologies AG PEF22504HT Datasheet HTML 77Page - Infineon Technologies AG PEF22504HT Datasheet HTML 78Page - Infineon Technologies AG PEF22504HT Datasheet HTML 79Page - Infineon Technologies AG PEF22504HT Datasheet HTML 80Page - Infineon Technologies AG PEF22504HT Datasheet HTML 81Page - Infineon Technologies AG PEF22504HT Datasheet HTML 82Page - Infineon Technologies AG PEF22504HT Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 255 page
background image
Data Sheet
79
Rev. 1.3, 2006-01-25
QuadLIU
TM
PEF 22504
Functional Description
Figure 20
Flexible Master Clock Unit
3.5.5.1
PLL (Reset and Configuring)
If the (asynchronous) micro controller interface mode is selected by IM(1:0) the PLL must be configured
•
By programming of the registers GCM5 and GCM6 in “flexible master clocking mode”. Every change of the
contents of these registers - the divider factors N and M of the PLL - causes a reset of the PLL. Switching
between E1 and T1 modes in arbitrary channels causes a reset of the clock unit but not of the PLL itself.
•
Or by enabling of the ”fixed mode”: GCM2.VFREQ_EN = ´0´ (GCM2). Programming of registers GCM5 and
GCM6 is not necessary. Any programming of GCM5 and GCM6 does NOT cause a reset of the PLL. Switching
between E1 and T1 modes (for all channels) causes a reset of the clock unit but not of the PLL itself.
The SPI and SCI are synchronous interfaces and therefore need defined clocks immediately after reset, before
any configuration is done. So to enable access to serial interfaces, the clock MCLK must be active and must have
a defined frequency before reset becomes inactive. Dependent on the MCLK frequency the internal PLL must be
configured if the SCI- or SPI-Interface mode is selected by IM(1:0)
•
By strapping of the pins D(15:5) if “fixed mode” is not enabled (GCM2.VFREQ_EN = ´1´), see also Table 3.
Because “fixed mode” is not enabled after reset, pinstrapping at D(15:5) is always necessary! Every new value
at this pins causes a reset of the PLL. Configuring by the registers GCM5 and GCM6 is not taken into account
and causes not a reset of the PLL
•
Or by enabling of the ” fixed mode”.This is only allowed if the values of N and M defined by pinstrapping are
identical to that values which are internally used for the “fixed mode”. That avoids changing of N and M by
switching into the ”fixed mode” and therefore a new reset of the PLL. (A new reset of the PLL can cause a hang
up of the whole system!) In ”fixed mode” the values are: N = ´33
10´, M = ´010´ so that the pinstrapping must be:
D(10:5) = ´HLLLLH´, D(15:11) = ´LLLLL´. In ”fixed mode” programming of registers GCM1 to GCM8 is no
longer necessary and values at the pins D(15:5) are no longer taken into account and causes NOT a reset of
the PLL. A switching between E1 and T1 modes causes a reset of the clock unit but not of the PLL itself.
The configuration of the PLL by pinstrapping (see Table 3) in case of serial interface modes is done in the same
way as by using the registers GCM5 and GCM6 if asynchronous micro controller interface mode (Intel or Motorola)
is selected. So calculation of the pinstrapping values can be done also by using the formulas in GCM6 or by using
the “flexible Master Clock Calculator” which is part of the software support of the QuadLIU
TM, see Chapter 8.3. If
the serial interfaces are selected, pinstrapping of D(15:5) configure the PLL directly, so changes causes always a
reset of the PLL.
The conditions to trigger a reset of the central clock PLL are listed in Table 12. Every reset of the PLL causes a
reset of the clock system.
Flexible Master Clock Unit
GCM1...GCM8
MCLK
E1 Clocks
T1 / J1
Clocks
QLIU__F0116
PLL
channel
1 to 4
IM(1:0)
D(15:5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com