công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEF22504HT bảng dữ liệu(PDF) 63 Page - Infineon Technologies AG

tên linh kiện PEF22504HT
Giải thích chi tiết về linh kiện  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT bảng dữ liệu(HTML) 63 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 59Page - Infineon Technologies AG PEF22504HT Datasheet HTML 60Page - Infineon Technologies AG PEF22504HT Datasheet HTML 61Page - Infineon Technologies AG PEF22504HT Datasheet HTML 62Page - Infineon Technologies AG PEF22504HT Datasheet HTML 63Page - Infineon Technologies AG PEF22504HT Datasheet HTML 64Page - Infineon Technologies AG PEF22504HT Datasheet HTML 65Page - Infineon Technologies AG PEF22504HT Datasheet HTML 66Page - Infineon Technologies AG PEF22504HT Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 255 page
background image
Data Sheet
63
Rev. 1.3, 2006-01-25
QuadLIU
TM
PEF 22504
Pin Descriptions
45
V
SS
S–
Power Ground
Common for all sub circuits (0 V)
For correct operation, all V
SS pins have to be connected to
ground.
64
117
136
1
36
73
108
11
56
102
125
135
Power Supply Configuration
134
V
SEL
I + PU
–
Voltage Select
Enables the internal voltage regulator for 3.3 V only operation
mode if connected to V
DD (recommended) or left open.
Disables the internal voltage regulator for dual power supply
mode (1.8 V and 3.3 V) if connected to V
SS.
Boundary Scan/Joint Test Access Group (JTAG)
131
TRS
IPD
Test Reset
For Boundary Scan (active low). If not connected, an internal
pulldown transistor ensures low input level.
112
TDI
PU
Test Data Input
For Boundary Scan.
If not connected an internal pullup transistor ensures high
input level.
141
TMS
Test Mode Select
For Boundary Scan.
If not connected an internal pullup transistor ensures high
input level.
140
TCK
Test Clock
For Boundary Scan.
If not connected an internal pullup transistor ensures high
input level.
113
TDO
O
–
Test Data Output
For Boundary Scan
Table 2
I/O Signals for P-TQFP-144-8 (cont’d)
Pin No.
Name
Pin Type
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com