công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS43L36 bảng dữ liệu(PDF) 42 Page - Cirrus Logic

tên linh kiện CS43L36
Giải thích chi tiết về linh kiện  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 bảng dữ liệu(HTML) 42 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 38Page - Cirrus Logic CS43L36 Datasheet HTML 39Page - Cirrus Logic CS43L36 Datasheet HTML 40Page - Cirrus Logic CS43L36 Datasheet HTML 41Page - Cirrus Logic CS43L36 Datasheet HTML 42Page - Cirrus Logic CS43L36 Datasheet HTML 43Page - Cirrus Logic CS43L36 Datasheet HTML 44Page - Cirrus Logic CS43L36 Datasheet HTML 45Page - Cirrus Logic CS43L36 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
DS1081F3
42
CS43L36
4.8 Plug Presence Detect
pin is assumed to be pulled low via clamps at the HP amp output when it is in power down. If the HP amp is running, the
sense pin is shorted to the output signal and, therefore, is pulled below a certain threshold via the output stage of the HP
amp. Thus, a low level at the sense pin indicates plug inserted, and a high level at the sense pin indicates plug removed.
• Inverted tip sense (ITS)—Like tip sense, but with a connector whose sense pin is shorted to the tip terminal if the
plug is removed and is left floating if it is inserted. Therefore, a low level at the sense pin indicates plug removed
and a high level at the sense pin indicates plug inserted. Inversion is controlled by the following:
— The invert (TIP_SENSE_INV, p. 74), which goes to the analog and affects a number of other features.
— The tip-sense invert (TS_INV, p. 63), which affects only the configuration bits in Section 6.2.
4.8.3
Tip-Sense Debounce Settings
Fig. 4-24 shows the tip-sense controls and the associated interrupt, status, and mask registers.
Figure 4-24. Tip-Sense Controls
The tip-sense debounce register fields behave and interact as follows:
• TS_UNPLUG_DBNC. Shows tip sense status after being unplugged with the associated debounce time.
• TS_PLUG_DBNC. Shows tip sense status after being plugged in with the associated debounce time.
Note: TS_INV must be set to have TS_PLUG/TS_PLUG_DBNC status match TIP_SENSE_PLUG status.
The debounce bits are described in Section 7.2.7. Multiple debounce settings can be configured for insertion, removal,
and tip sense:
• TIP_SENSE_DEBOUNCE (see p. 74) controls the tip-sense removal debounce time.
• TS_FALL_DBNCE_TIME and TS_RISE_DBNCE_TIME (see p. 63) settings configure the corresponding debounce
times.
4.8.4
Setup Instructions
The following steps are required to activate the tip-sense debounce interrupt status:
1. Clear PDN_ALL (see p. 62).
2. Set LATCH_TO_VP (see p. 74) to latch analog controls into analog circuits.
3. Write TIP_SENSE_CTRL (see p. 74) to 01 or 11 to enable debounce for tip sense plug/unplug.
4. Clear interrupt masks (0x1320, see Section 7.4.17).
Interrupt status (see Section 7.4.9) does not contain an event-capture latch—a read always yields the current condition.
TIP_SENSE
0
1
0
1
Interrupt(0x1B7B)
Mask (0x1B79)
Headset Interface Block
No
Delay
Rising/Falling
Edge Detect
Tip Sense Indicator
Status Registers (0x1115)
Tip Sense
Plug/Unplug Interrupt
Mask (0x1320)
Tip Sense
Plug/Unplug Interrupt
Status (0x130F)
Interrupt Handler Block
Shadow
Copy
INT
Read
Clears INT
UNPLUG
PLUG
No
Delay
TIP_SENSE_PLUG p. 68
TIP_SENSE_UNPLUG p. 68
TIP_SENSE_
DEBOUNCE p. 74
TS_FALL_DBNCE_
TIME p. 63
TS_RISE_DBNCE_
TIME p. 63
TIP_SENSE p. 75
TS_INV p. 63
TIP_SENSE_
INV. p. 74
TS_UNPLUG_DBNCp. 64
TS_PLUG_DBNCp. 64
TS_UNPLUG p. 69
TS_PLUG p. 69
M_TS_UNPLUG p. 71
M_TS_PLUG p. 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com