công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280045PMS bảng dữ liệu(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280045PMS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

F280045PMS bảng dữ liệu(HTML) 60 Page - Texas Instruments

Back Button F280045PMS Datasheet HTML 56Page - Texas Instruments F280045PMS Datasheet HTML 57Page - Texas Instruments F280045PMS Datasheet HTML 58Page - Texas Instruments F280045PMS Datasheet HTML 59Page - Texas Instruments F280045PMS Datasheet HTML 60Page - Texas Instruments F280045PMS Datasheet HTML 61Page - Texas Instruments F280045PMS Datasheet HTML 62Page - Texas Instruments F280045PMS Datasheet HTML 63Page - Texas Instruments F280045PMS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 218 page
background image
60
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Specifications
Copyright © 2017, Texas Instruments Incorporated
5.5.1
Operating Mode Test Description
Table 5-1, Table 5-2, and Table 5-3 list the current consumption values for the operational mode of the
device. The operational mode provides an estimation of what an application might encounter. The test
case run to achieve the values shown does the following in a loop. Peripherals that are not on the
following list have had their clocks disabled.
•
Code is executing from RAM.
•
FLASH is read and kept in active state.
•
No external components are driven by I/O pins.
•
All of the communication peripherals are exercised: SPI-A to SPI-C; SCI-A to SCI-C; I2C-A; CAN-A to
CAN-C; LIN-A; PMBUS-A; and FSI-A.
•
ePWM-1 to ePWM-3 generate a 5-MHz output on 6 pins.
•
ePWM-4 to ePWM-7 are in HRPWM mode and generating 25 MHz on 6 pins.
•
CPU timers are active.
•
CPU does FIR16 calculations.
•
DMA does continuous 32-bit transfers.
•
CLA-1 is executing a 1024-point DFT in a background task.
•
All ADCs perform continuous conversions.
•
All DACs vary voltage at the loop frequency ~11 kHz.
•
All PGAs are enabled.
•
All CMPSSs generate a square wave with a 100-kHz frequency.
•
SDFM peripheral clock is enabled.
•
eCAP-1 to eCAP-7 are in APWM mode, toggling at 250 kHz.
•
All eQEP watchdogs are enabled and counting.
•
System watchdog is enabled and counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com