công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280045PMS bảng dữ liệu(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280045PMS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

F280045PMS bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button F280045PMS Datasheet HTML 20Page - Texas Instruments F280045PMS Datasheet HTML 21Page - Texas Instruments F280045PMS Datasheet HTML 22Page - Texas Instruments F280045PMS Datasheet HTML 23Page - Texas Instruments F280045PMS Datasheet HTML 24Page - Texas Instruments F280045PMS Datasheet HTML 25Page - Texas Instruments F280045PMS Datasheet HTML 26Page - Texas Instruments F280045PMS Datasheet HTML 27Page - Texas Instruments F280045PMS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 218 page
background image
24
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
Table 4-1. Pin Attributes (continued)
SIGNAL NAME
MUX
POSITION
100
PZ
64
PMQ
64 PM
56
RSH
PIN
TYPE
DESCRIPTION
GPIO18_X2
0, 4, 8, 12
68
41
41
38
I/O
General-Purpose Input Output 18. This pin and its digital
mux options can only be used when the system is clocked
by INTOSC and X1 has an external pulldown resistor
(recommended 1 kΩ).
SPIA_CLK
1
I/O
SPI-A Clock
SCIB_TX
2
O
SCI-B Transmit Data
CANA_RX
3
I
CAN-A Receive
EPWM6_A
5
O
ePWM-6 Output A
I2CA_SCL
6
I/OD
I2C-A Open-Drain Bidirectional Clock
SD1_D2
7
I
SDFM-1 Channel 2 Data Input
EQEP2_A
9
I
eQEP-2 Input A
PMBUSA_CTL
10
I
PMBus-A Control Signal
XCLKOUT
11
O
External Clock Output. This pin outputs a divided-down
version of a chosen clock signal from within the device.
X2
ALT
I/O
Crystal oscillator output
GPIO20
0
I/O
General-Purpose Input Output 20
GPIO21
0
I/O
General-Purpose Input Output 21
GPIO22_VFBSW
0, 4, 8, 12
83
56
56
51
I/O
General-Purpose Input Output 22. If the internal DC-DC
regulator is not used, this can be configured as General-
Purpose Input Output 22.
EQEP1_STROBE
1
I/O
eQEP-1 Strobe
SCIB_TX
3
O
SCI-B Transmit Data
SPIB_CLK
6
I/O
SPI-B Clock
SD1_D4
7
I
SDFM-1 Channel 4 Data Input
LINA_TX
9
O
LIN-A Transmit
VFBSW
ALT
-
Internal DC-DC regulator feedback signal. If the internal DC-
DC regulator is used, tie this pin to the node where L(VSW)
connects to the VDD rail (as close as possible to the device).
GPIO23_VSW
0
81
54
54
49
I/O
General-Purpose Input Output 23. If the internal DC-DC
regulator is not used, this pin can be configured as General-
Purpose Input Output 23. This pin has an internal
capacitance of approximately 100 pF. TI Recommends using
an alternate GPIO, or using this pin only for applications
which do not require a fast switching response.
VSW
ALT
-
Switching output of the internal DC-DC regulator
GPIO24
0, 4, 8, 12
56
35
35
32
I/O
General-Purpose Input Output 24
OUTPUTXBAR1
1
O
Output X-BAR Output 1
EQEP2_A
2
I
eQEP-2 Input A
EPWM8_A
5
O
ePWM-8 Output A
SPIB_SIMO
6
I/O
SPI-B Slave In, Master Out (SIMO)
SD1_D1
7
I
SDFM-1 Channel 1 Data Input
PMBUSA_SCL
10
I/OD
PMBus-A Open-Drain Bidirectional Clock
SCIA_TX
11
O
SCI-A Transmit Data
ERRORSTS
13
O
Error Status Output. This signal requires an external pullup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com