công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1G06DBVT bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC1G06DBVT
Giải thích chi tiết về linh kiện  Single Inverter Buffer/Driver With Open-Drain Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06DBVT bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G06DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
GND
Logic
Input
Output
VCC
Device
-IIK
-IOK
10
SN74LVC1G06
SCES295Z – JUNE 2000 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: SN74LVC1G06
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Negative Clamping Diodes
The inputs and outputs to this device have negative clamping diodes as depicted in Figure 5.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can
cause damage to the device. The input negative-voltage and the output voltage ratings
may be exceeded if the input and output clamp-current ratings are observed.
Figure 5. Electrical Placement of Clamping Diodes for Each Input and Output
8.3.4 Partial Power Down (Ioff)
Each input and output enter a high impedance state when the supply voltage is 0 V. The maximum leakage into
or out of any input or output pin on the device is specified by Ioff in the Electrical Characteristics.
8.3.5 Over-voltage Tolerant Inputs
Input signals to this device can be driven above the supply voltage as long as the input signals remain below the
maximum input voltage value specified in the Recommended Operating Conditions.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC1G06.
Table 1. Function Table
INPUT
A
OUTPUT
Y
L
Hi-Z
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com