công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1G06DBVT bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC1G06DBVT
Giải thích chi tiết về linh kiện  Single Inverter Buffer/Driver With Open-Drain Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06DBVT bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74LVC1G06DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
SN74LVC1G06
www.ti.com
SCES295Z – JUNE 2000 – REVISED NOVEMBER 2017
Product Folder Links: SN74LVC1G06
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See Implications of Slow or Floating
CMOS Inputs application report.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
Data retention only
1.5
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
5.5
V
IOL
Low-level output current
VCC = 1.65 V
4
mA
VCC = 2.3 V
8
VCC = 3 V
16
24
VCC = 4.5 V
32
Δt/Δv
Input transition rise or fall rate
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
ns/V
VCC = 3.3 V ± 0.3 V
10
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metricsapplication
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC1G06
UNIT
DBV
(SOT-23)
DCK
(SC70)
DRL
(SOT-5X3)
DRY
(SON)
DPW
(X2SON)
YZV
(DSBGA)
YZP
(DSBGA)
5 PINS
5 PINS
5 PINS
5 PINS
5 PINS
4 PINS
5 PINS
RθJA
Junction-to-ambient
thermal resistance
231.5
276.1
296.2
369.6
511
168.2
144.4
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
139.4
178.9
137.3
257.6
241.9
2.1
1.3
°C/W
RθJB
Junction-to-board
thermal resistance
71.1
70.9
145.3
230.8
374.2
55.9
39.9
°C/W
ψJT
Junction-to-top
characterization
parameter
45.2
47
14.7
77.2
45
1.1
0.5
°C/W
ψJB
Junction-to-board
characterization
parameter
70.7
69.3
145.9
231
373.3
56.3
39.7
°C/W
RθJC(bot)
Junction-to-case
(bottom) thermal
resistance
N/A
N/A
N/A
N/A
168
N/A
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com