công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1G06DBVT bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC1G06DBVT
Giải thích chi tiết về linh kiện  Single Inverter Buffer/Driver With Open-Drain Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06DBVT bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G06DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
SN74LVC1G06
SCES295Z – JUNE 2000 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: SN74LVC1G06
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.5 Electrical Characteristifcs
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VOL
High-level
output
voltage
IOL = 100 μA
1.65 V to 5.5 V
0.1
V
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
IOL = 16 mA
3 V
0.4
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
Inflection-
point current
VI = 5.5 V or GND
A input
0 to 5.5 V
±1
µA
Ioff
Off-state
current
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND, IO = 0
1.65 V to 5.5 V
10
µA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
µA
CI
Input
capacitance
VI = VCC or GND
3.3 V
4
pF
CO
Off-state
capacitance
VO = VCC or GND
3.3 V
5
pF
6.6 Switching Characteristics: –40°C to +85°C
over recommended operating free-air temperature range, TA = –40°C to +85°C (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO (OUTPUT)
VCC
MIN
MAX
UNIT
tpd
Propagation
delay
A
Y
1.8 V ± 0.15 V
2.2
6.5
ns
2.5 V ± 0.2 V
1.1
4
3.3 V ± 0.3 V
1.2
4
5 V ± 0.5 V
1
3
6.7 Switching Characteristics: –40°C to +125°C
over recommended operating free-air temperature range, TA = –40°C to +125°C (unless otherwise noted) (see Figure 3)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
MAX
UNIT
tpd
Propagation
delay
A
Y
1.8 V ± 0.15 V
2.2
7
ns
2.5 V ± 0.2 V
1.1
4.5
3.3 V ± 0.3 V
1.2
4.5
5 V ± 0.5 V
1
3.5
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
1.8 V
3
pF
2.5 V
3
3.3 V
4
5 V
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com