| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG46121 bảng dữ liệu(PDF) 32 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46121 bảng dữ liệu(HTML) 32 Page - Dialog Semiconductor |
|
32 / 98 page ![]() 000-0046121--106 Page 31 of 97 SLG46121 8.1 Matrix Input Table Table 15. Matrix Input Table N Matrix Input Signal Function Matrix Decode 5 4 3 2 1 0 0 VSS 00 000 0 1 pin2 digital Input 0 0 0 0 0 1 2 pin3 digital Input 0 0 0 0 1 0 3 pin4 digital Input 0 0 0 0 1 1 4 pin5 digital Input 0 0 0 1 0 0 5 pin6 digital Input 0 0 0 1 0 1 6 LUT2_0 output (DFF/LATCH_0 output) 0 0 0 1 1 0 7 LUT2_1 output (DFF/LATCH_1 output) 0 0 0 1 1 1 8 LUT2_2 output (DFF/LATCH_2 output) 0 0 1 0 0 0 9 LUT2_3 output (DFF/LATCH_3 output) 0 0 1 0 0 1 10 LUT2_4 output 0 0 1 0 1 0 11 sig_1pipe_dly_out (1st stage pipe delay output) 0 0 1 0 1 1 12 LUT3_0 output (DFF/LATCH_4 output with resetb or seb) 0 0 1 1 0 0 13 LUT3_1 output (DFF/LATCH_5 output with resetb or seb) 0 0 1 1 0 1 14 LUT3_2 output (DFF/LATCH_6 output with resetb or seb) 0 0 1 1 1 0 15 LUT3_3 output (DFF/LATCH_7 output with resetb or seb) 0 0 1 1 1 1 16 LUT3_4 output 0 1 0 0 0 0 17 LUT3_5 output 0 1 0 0 0 1 18 LUT3_6 output 0 1 0 0 1 0 19 LUT3_7 output 0 1 0 0 1 1 20 LUT3_8 output (pipe delay output0) 0 1 0 1 0 0 21 LUT4_0 output (CNT_DLY3 output (8 bit w/ ext CK,reset)) 0 1 0 1 0 1 22 LUT4_1 output (CNT_DLY4 output (8 bit w/ ext CK,reset)) 0 1 0 1 1 0 23 CNT_DLY0(14bit) output 0 1 0 1 1 1 24 CNT_DLY1 output (8 bit w/ ext CK,reset) 0 1 1 0 0 0 25 Edge detector output from CNT_DLY4 0 1 1 0 0 1 26 ACMP_0 output 0 1 1 0 1 0 27 ACMP_1 output 0 1 1 0 1 1 28 pipe delay output1 0 1 1 1 0 0 29 Programmable delay with edge detector output (Deglitch filter out- put) 01 110 1 30 internal oscillator output (one of /1, /2, /3, /4, /8, /12, /24, /64 se- lected by REG) 01 111 0 31 internal oscillator output (one of /1, /2, /3, /4, /8, /12, /24, /64 se- lected by REG) 01 111 1 32 Bandgap OK signal 1 0 0 0 0 0 33 Resetb_core as matrix input 1 0 0 0 0 1 34 pin8 digital Input 1 0 0 0 1 0 35 pin9 digital Input 1 0 0 0 1 1 |