| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG46121 bảng dữ liệu(PDF) 30 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46121 bảng dữ liệu(HTML) 30 Page - Dialog Semiconductor |
|
30 / 98 page ![]() 000-0046121--106 Page 29 of 97 SLG46121 7.10.2 Register OE IO Structure (for Pins 8, 9, 12) Figure 6. Register OE IO Structure Diagram PAD Digital In S0 S1 pull_up_en 10 k 90 k 900 k Res_sel[1:0] 00: floating 01: 10 k 10: 100 k 11: 1 M wosmt_en smt_en lv_en Low Voltage Input Schmitt Trigger Input Non-Schmitt Trigger Input Mode [2:0] 000: Digital In without Schmitt Trigger, wosmt_en=1 001: Digital In with Schmitt Trigger, smt_en=1 010: Low Voltage Digital In mode, lv_en = 1 011: analog IO mode 100: push-pull mode, pp_en=1 101: NMOS open drain mode, odn_en=1 110: PMOS open drain mode, odp_en=1 111: analog IO and NMOS open-drain mode, odn_en=1 and AIO_en=1 Analog IO Digital Out Digital Out OE odn_en OE odn_en Digital Out OE 2x_en pp_en 2x_en odp_en Digital Out OE pp_en odp_en VDD2 VDD2 VDD2 |