công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG46121 bảng dữ liệu(PDF) 28 Page - Dialog Semiconductor

tên linh kiện SLG46121
Giải thích chi tiết về linh kiện  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 bảng dữ liệu(HTML) 28 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 24Page - Dialog Semiconductor SLG46121 Datasheet HTML 25Page - Dialog Semiconductor SLG46121 Datasheet HTML 26Page - Dialog Semiconductor SLG46121 Datasheet HTML 27Page - Dialog Semiconductor SLG46121 Datasheet HTML 28Page - Dialog Semiconductor SLG46121 Datasheet HTML 29Page - Dialog Semiconductor SLG46121 Datasheet HTML 30Page - Dialog Semiconductor SLG46121 Datasheet HTML 31Page - Dialog Semiconductor SLG46121 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
000-0046121--106
Page 27 of 97
SLG46121
7.9.2 Matrix OE IO Structure (for Pin 10)
Figure 4. Matrix OE IO Structure Diagram
PAD
Digital In
S0
S1
pull_up_en
10 k
90 k
900 k
Res_sel[1:0]
00: floating
01: 10 k
10: 100 k
11: 1 M
wosmt_en
smt_en
lv_en
Low Voltage
Input
Schmitt Trigger
Input
Non-Schmitt
Trigger Input
Input Mode [1:0]
00: Digital In without Schmitt Trigger, wosmt_en=1
01: Digital In with Schmitt Trigger, smt_en=1
10: Low Voltage Digital In mode, lv_en = 1
11: analog IO mode
Output Mode [1:0]
00: 1x push-pull mode, pp1x_en=1
01: 2x push-pull mode, pp2x_en=1, pp1x_en=1
10: 1x NMOS open drain mode, od1x_en=1
11: 2x NMOS open drain mode, od2x_en=1, od1x_en=1
Analog IO
Digital Out
Digital Out
OE
od2x_en
OE
od1x_en
Digital Out
OE
pp2x_en
Digital Out
OE
pp1x_en
VDD2
VDD2
VDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98