công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG46121 bảng dữ liệu(PDF) 25 Page - Dialog Semiconductor

tên linh kiện SLG46121
Giải thích chi tiết về linh kiện  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 bảng dữ liệu(HTML) 25 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 21Page - Dialog Semiconductor SLG46121 Datasheet HTML 22Page - Dialog Semiconductor SLG46121 Datasheet HTML 23Page - Dialog Semiconductor SLG46121 Datasheet HTML 24Page - Dialog Semiconductor SLG46121 Datasheet HTML 25Page - Dialog Semiconductor SLG46121 Datasheet HTML 26Page - Dialog Semiconductor SLG46121 Datasheet HTML 27Page - Dialog Semiconductor SLG46121 Datasheet HTML 28Page - Dialog Semiconductor SLG46121 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
000-0046121--106
Page 24 of 97
SLG46121
7.7 PIN 12 Register Settings
Table 14. PIN 12 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 12 Mode
Control
reg <685:683>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain NMOS
111: Open Drain NMOS
PIN 12 Pull
Up/Down Resistor
Value Selection
reg <687:686>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 12 Pull
Up/Down Resistor
Selection
reg <688>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 12 Driver
Strength Selection
reg <689>
0: 1X
1: 2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98