công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC58FVM7B2AFT bảng dữ liệu(PDF) 25 Page - Toshiba Semiconductor

tên linh kiện TC58FVM7B2AFT
Giải thích chi tiết về linh kiện  128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM7B2AFT bảng dữ liệu(HTML) 25 Page - Toshiba Semiconductor

Back Button TC58FVM7B2AFT Datasheet HTML 21Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 22Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 23Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 24Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 25Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 26Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 27Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 28Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
TC58FVM7(T/B)2AFT(65/80)
2002-10-24 25/68
COMMAND WRITE/PROGRAM/ERASE CYCLE
SYMBOL
PARAMETER
MIN
MAX
UNIT
tCMD
Command Write Cycle Time
65
ns
tAS
Address Set-up Time / BYTE Set-up Time
0
ns
tAH
Address Hold Time / BYTE Hold Time
30
ns
tAHW
Address Hold Time from WE High level
20
ns
tDS
Data Set-up Time
30
ns
tDH
Data Hold Time
0
ns
tWELH
WE Low-Level Hold Time
( WE Control)
30
ns
tWEHH
WE High-Level Hold Time
( WE Control)
20
ns
tCES
CE
Set-up Time to WE Active
( WE Control)
0
ns
tCEH
CE
Hold Time from WE High Level
( WE Control)
0
ns
tCELH
CE
Low-Level Hold Time
( CE Control)
30
ns
tCEHH
CE
High-Level Hold Time
( CE Control)
20
ns
tWES
WE Set-up time to CE Active
( CE Control)
0
ns
tWEH
WE Hold Time from CE High Level
( CE Control)
0
ns
tOES
OE
Set-up Time
0
ns
tOEHP
OE
Hold Time (Toggle, Data Polling)
10
ns
tOEHT
OE
High-Level Hold Time (Toggle)
20
ns
tAHT
Address Hold Time (Toggle)
0
ns
tAST
Address Set-up Time (Toggle)
0
ns
tBEH
Erase Hold Time
50
µs
tVDS
VDD Set-up Time
500
µs
Program/Erase Valid to
BY
/
RY
Delay
90
ns
tBUSY
Program/Erase Valid to
BY
/
RY
Delay during Suspend Mode
300
ns
tRP
RESET
Low-Level Hold Time
500
ns
tREADY
RESET
Low-Level to Read Mode
20
µs
tRB
BY
/
RY
Recovery Time
0
ns
tRH
RESET
Recovery Time
50
ns
tCEBTS
CE
Set-up time BYTE Transition
5
ns
tBTD
BYTE to Output High-Z
30
ns
tSUSP
Program Suspend Command to Suspend Mode
1.6
µs
tSUSPA
Page Program Suspend Command to Suspend Mode
2.0
µs
tRESP
Program Resume Command to Program Mode
1
µs
tSUSE
Erase Suspend Command to Suspend Mode
15
µs
tRESE
Erase Resume Command to Erase Mode
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com