công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC58FVM7B2AFT bảng dữ liệu(PDF) 22 Page - Toshiba Semiconductor

tên linh kiện TC58FVM7B2AFT
Giải thích chi tiết về linh kiện  128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM7B2AFT bảng dữ liệu(HTML) 22 Page - Toshiba Semiconductor

Back Button TC58FVM7B2AFT Datasheet HTML 18Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 19Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 20Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 21Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 22Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 23Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 24Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 25Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
TC58FVM7(T/B)2AFT(65/80)
2002-10-24 22/68
DC CHARACTERISTICS
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
ILI
Input Leakage Current
0 V
≤ VIN ≤ VDD
±1
ILO
Output Leakage Current
0 V
≤ VOUT ≤ VDD
±1
µA
IOH = −0.1 mA
VDD − 0.4
VOH
Output High Voltage
IOH = −2.5 mA
0.85
× VDD
VOL
Output Low Voltage
IOL = 4.0 mA
0.4
V
IDDO1
VDD Average Random Read
Current
VIN = VIH/VIL, IOUT = 0 mA
tRC = 100 ns (MIN)
35
55
IDDO2
VDD Average Program Current VIN = VIH/VIL, IOUT = 0 mA
8
15
IDDO3
VDD Average Erase Current
VIN = VIH/VIL, IOUT = 0 mA
8
15
IDDO4
VDD Average
Read-While-Program Current
VIN = VIH/VIL, IOUT = 0 mA
tRC = 100 ns (MIN)
43
70
IDDO5
VDD Average
Read-while-Erase Current
VIN = VIH/VIL, IOUT = 0 mA
tRC = 100 ns (MIN)
43
70
IDDO6
VDD Average Program-while-
Erase-Suspend Current
VIN = VIH/VIL, IOUT = 0 mA
8
15
IDDO7
VDD Average Page Read
Current
VIN = VIH/VIL, IOUT = 0 mA
tPRC = 25ns(MIN)
1
5
IDDO8
VDD Average Address
Increment Read Current
(2)
VIN = VIH/VIL, IOUT = 0 mA
tRC = 100 ns(MIN)
tPRC = 25ns(MIN)
5
11
mA
IDDS1
VDD Standby Current
CE
= RESET = VDD
or RESET
= VSS
2
10
IDDS2
VDD Standby Current
(Automatic Sleep Mode
(1)
)
VIH = VDD
VIL = VSS
2
10
IID
High-Voltage Input Current for
A9, OE and RESET
11.4 V
≤ VID ≤ 12.6 V
35
µA
IACC
High-Voltage Input Current for
/ACC
WP
8.5 V
≤ VACC ≤ 9.5 V
20
mA
VLKO
Low-VDD Lock-out Voltage
1.5
2.0
V
(1) The device enters Automatic Sleep Mode in which the address remains fixed for during 150 ns.
(2) (IDDO1+ IDDO7 x 7)/8words
AC TEST CONDITIONS
PARAMETER
CONDITION
Input Pulse Level
VDD, 0.0 V
Input Pulse Rise and Fall Time (10%~90%)
5 ns
Timing Measurement Reference Level (input)
VDD/2
, VDD/2
Timing Measurement Reference Level (output)
VDD/2
, VDD/2
Output Load
CL (100 pF) + 1 TTL Gate / CL (30 pF) + 1 TTL Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com