công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC58FVM7B2AFT bảng dữ liệu(PDF) 15 Page - Toshiba Semiconductor

tên linh kiện TC58FVM7B2AFT
Giải thích chi tiết về linh kiện  128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM7B2AFT bảng dữ liệu(HTML) 15 Page - Toshiba Semiconductor

Back Button TC58FVM7B2AFT Datasheet HTML 11Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 12Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 13Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 14Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 15Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 16Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 17Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 18Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
TC58FVM7(T/B)2AFT(65/80)
2002-10-24 15/68
COMMON FLASH MEMORY INTERFACE (CFI)
The TC58FVM7T2A/B2A conforms to the CFI specifications. To read information from the device, input the
Query command followed by the address. In Word Mode DQ8~DQ15 all output 0s. To exit this mode, input the
Reset command.
CFI CODE TABLE
ADDRESS A6~A0
DATA DQ15~DQ0
DESCRIPTION
10h
11h
12h
0051h
0052h
0059h
ASCII string “QRY”
13h
14h
0002h
0000h
Primary OEM command set
2: AMD/FJ standard type
15h
16h
0040h
0000h
Address for primary extended table
17h
18h
0000h
0000h
Alternate OEM command set
0: none exists
19h
1Ah
0000h
0000h
Address for alternate OEM extended table
1Bh
0023h
VDD (min) (Write/Erase)
DQ7~DQ4: 1 V
DQ3~DQ0: 100 mV
1Ch
0036h
VDD (max) (Write/Erase)
DQ7~DQ4: 1 V
DQ3~DQ0: 100 mV
1Dh
0000h
VPP (min) voltage
1Eh
0000h
VPP (max) voltage
1Fh
0004h
Typical time-out per single byte/word write (2
N µs)
20h
0000h
Typical time-out for minimum size buffer write (2
N µs)
21h
000Ah
Typical time-out per individual block erase (2
N
ms)
22h
0000h
Typical time-out for full chip erase (2
N
ms)
23h
0005h
Maximum time-out for byte/word write (2
N
times typical)
24h
0000h
Maximum time-out for buffer write (2
N
times typical)
25h
0004h
Maximum time-out per individual block erase (2
N
times typical)
26h
0000h
Maximum time-out for full chip erase (2
N
times typical)
27h
0018h
Device Size (2
N
byte)
28h
29h
0002h
0000h
Flash device interface description
2:
×8/×16
2Ah
2Bh
0004h
0000h
Maximum number of bytes in multi-byte write (2
N
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com