công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2773CDGS bảng dữ liệu(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV2773CDGS
Giải thích chi tiết về linh kiện  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV2773CDGS bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button TLV2773CDGS Datasheet HTML 36Page - Texas Instruments TLV2773CDGS Datasheet HTML 37Page - Texas Instruments TLV2773CDGS Datasheet HTML 38Page - Texas Instruments TLV2773CDGS Datasheet HTML 39Page - Texas Instruments TLV2773CDGS Datasheet HTML 40Page - Texas Instruments TLV2773CDGS Datasheet HTML 41Page - Texas Instruments TLV2773CDGS Datasheet HTML 42Page - Texas Instruments TLV2773CDGS Datasheet HTML 43Page - Texas Instruments TLV2773CDGS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown function
Three members of the TLV277x family (TLV2770/3/5) have a shutdown terminal for conserving battery life in
portable applications. When the shutdown terminal is tied low, the supply current is reduced to 0.8
µA/channel,
the amplifier is disabled, and the outputs are placed in a high impedance mode. To enable the amplifier, the
shutdown terminal can either be left floating or pulled high. When the shutdown terminal is left floating, care
needs to be taken to ensure that parasitic leakage current at the shutdown terminal does not inadvertently place
the operational amplifier into shutdown. The shutdown terminal threshold is always referenced to VDD/2.
Therefore, when operating the device with split supply voltages (e.g.
±2.5 V), the shutdown terminal needs to
be pulled to VDD– (not GND) to disable the operational amplifier.
The amplifier’s output with a shutdown pulse is shown in Figures 48, 49, and 50. The amplifier is powered with
a single 5-V supply and configured as a noninverting configuration with a gain of 5. The amplifier turnon and
turnoff times are measured from the 50% point of the shutdown pulse to the 50% point of the output waveform.
The times for the single, dual, and quad are listed in the data tables. The bump on the rising edge of the TLV2770
output waveform is due to the start-up circuit on the bias generator. For the dual and quad (TLV2773/5), this
bump is attributed to the bias generator’s start-up circuit as well as the crosstalk between the other channel(s),
which are in shutdown.
Figures 55 and 56 show the amplifier’s forward and reverse isolation in shutdown. The operational amplifier is
powered by
±1.35-V supplies and configured as a voltage follower (AV = 1). The isolation performance is plotted
across frequency for both 0.1 VPP and 2.7 VPP input signals. During normal operation, the amplifier would not
be able to handle a 2.7-VPP input signal with a supply voltage of ±1.35 V since it exceeds the common-mode
input voltage range (VICR). However, this curve illustrates that the amplifier remains in shutdown even under
a worst case scenario.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com