công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2773CDGS bảng dữ liệu(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV2773CDGS
Giải thích chi tiết về linh kiện  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV2773CDGS bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button TLV2773CDGS Datasheet HTML 33Page - Texas Instruments TLV2773CDGS Datasheet HTML 34Page - Texas Instruments TLV2773CDGS Datasheet HTML 35Page - Texas Instruments TLV2773CDGS Datasheet HTML 36Page - Texas Instruments TLV2773CDGS Datasheet HTML 37Page - Texas Instruments TLV2773CDGS Datasheet HTML 38Page - Texas Instruments TLV2773CDGS Datasheet HTML 39Page - Texas Instruments TLV2773CDGS Datasheet HTML 40Page - Texas Instruments TLV2773CDGS Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
gain calculation
Since the TLV2772 is capable of rail-to-rail output using a 3-V supply, VO = 0 (min) to 3 V (max). With no signal
from the sensor, nominal VO = reference voltage = 1.23 V. Therefore, the maximum negative swing from nominal
is 0 V – 1.23 V = –1.23 V and the maximum positive swing is 3 V – 1.23 V = 1.77 V. By modeling the shock sensor
as a low impedance voltage source with output of 2.25 mV/g (max) in the x and y axis and 1.70 mV/g (max) in
the z axis, the gain of the circuit is calculated by equation 1.
Gain
+
Output Swing
Sensor Signal
Acceleration
(1)
To avoid saturation of the operational amplifier, the gain calculations are based on the maximum negative swing
of –1.23 V and the maximum sensor output of 2.25 mV/g (x and y axis) and 1.70 mV/g (z axis).
Gain (x, y)
+
* 1.23 V
2.25 mV g
* 50 g
+ 10.9
(2)
Gain (z)
+
–1.23 V
1.70 mV g
–50 g
+ 14.5
(3)
and
By selecting R3 = 10 k
Ω and R4 = 100 kΩ, in the x and y channels, a gain of 11 is realized. By selecting
R3 = 7.5 k
Ω and R4 = 100 kΩ, in the z channel, a gain of 14.3 is realized. The schematic shows the configuration
for either the x- or y-axis.
bandwidth calculation
To calculate the component values for the frequency shaping characteristics of the signal conditioning circuit,
1 Hz and 500 Hz are selected as the minimum required 3-dB bandwidth.
To minimize the value of the input capacitor (C1) required to set the lower cutoff frequency requires a large value
resistor for R2 is required. A 1-M
Ω resistor is used in this example. To set the lower cutoff frequency, the required
capacitor value for C1 is:
C1
+
1
2
p f
LOW R2
+ 0.159 µF
(4)
Using a value of 0.22
µF, a more common value of capacitor, the lower cutoff frequency is 0.724 Hz.
To minimize the phase shift in the feedback loop caused by the input capacitance of the TLV2772, it is best to
minimize the value of the feedback resistor R4. However, to reduce the required capacitance in the feedback
loop a large value for R4 is required. Therefore, a compromise for the value of R4 must be made. In this circuit,
a value of 100 k
Ω has been selected. To set the upper cutoff frequency, the required capacitor value for C2 is:
C2
+
1
2
p f
HIGH R4
+ 3.18 µF
(5)
Using a 2.2-nF capacitor, the upper cutoff frequency is 724 Hz.
R5 and C3 also cause the signal response to roll off. Therefore, it is beneficial to design this roll-off point to begin
at the upper cutoff frequency. Assuming a value of 1 k
Ω for R5, the value for C3 is calculated to be
0.22
µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com