công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2773CDGS bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV2773CDGS
Giải thích chi tiết về linh kiện  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV2773CDGS bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button TLV2773CDGS Datasheet HTML 32Page - Texas Instruments TLV2773CDGS Datasheet HTML 33Page - Texas Instruments TLV2773CDGS Datasheet HTML 34Page - Texas Instruments TLV2773CDGS Datasheet HTML 35Page - Texas Instruments TLV2773CDGS Datasheet HTML 36Page - Texas Instruments TLV2773CDGS Datasheet HTML 37Page - Texas Instruments TLV2773CDGS Datasheet HTML 38Page - Texas Instruments TLV2773CDGS Datasheet HTML 39Page - Texas Instruments TLV2773CDGS Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
using the TLV2772 as an accelerometer interface
The schematic, shown in Figure 62, shows the ACH04-08-05 interfaced to the TLV1544 10-bit analog-to-digital
converter (ADC).
The ACH04-08-05 is a shock sensor designed to convert mechanical acceleration into electrical signals. The
sensor contains three piezoelectric sensing elements oriented to simultaneously measure acceleration in three
orthogonal, linear axes (x, y, z). The operating frequency is 0.5 Hz to 5 kHz. The output is buffered with an
internal JFET and has a typical output voltage of 1.80 mV/g for the x and y axis and 1.35 mV/g for the z axis.
Amplification and frequency shaping of the shock sensor output is done by the TLV2772 rail-to-rail operational
amplifier. The TLV2772 is ideal for this application as it offers high input impedance, good slew rate, and
excellent dc precision. The rail-to-rail output swing and high output drive are perfect for driving the analog input
of the TLV1544 ADC.
_
+
1 Axis ACH04–08–05
Shock Sensor
3 V
1.23 V
R1
100 k
Ω
C1
0.22
µF
R2
1 M
Ω
R3
10 k
Ω
1.23 V
C2
2.2 nF
R4
100 k
Ω
3 V
R5
1 k
Ω
C3
0.22
µF
1/2
TLV2772
Signal Conditioning
Output to
TLV1544 (ADC)
R6
2.2 k
Ω
1.23 V
3 V
TLV431
C
R
A
4
8
1
2
3
Voltage Reference
Figure 62. Accelerometer Interface Schematic
The sensor signal must be amplified and frequency-shaped to provide a signal the ADC can properly convert
into the digital domain. Figure 62 shows the topology used in this application for one axis of the sensor. This
system is powered from a single 3-V supply. Configuring the TLV431 with a 2.2-k
Ω resistor produces a reference
voltage of 1.23 V. This voltage is used to bias the operational amplifier and the internal JFETs in the shock
sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com