công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC823450 bảng dữ liệu(PDF) 15 Page - ON Semiconductor

tên linh kiện LC823450
Giải thích chi tiết về linh kiện  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 bảng dữ liệu(HTML) 15 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 11Page - ON Semiconductor LC823450 Datasheet HTML 12Page - ON Semiconductor LC823450 Datasheet HTML 13Page - ON Semiconductor LC823450 Datasheet HTML 14Page - ON Semiconductor LC823450 Datasheet HTML 15Page - ON Semiconductor LC823450 Datasheet HTML 16Page - ON Semiconductor LC823450 Datasheet HTML 17Page - ON Semiconductor LC823450 Datasheet HTML 18Page - ON Semiconductor LC823450 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
LC823450
www.onsemi.com
15
Table 5. OTHER AREA (CORTEX−M3) (continued)
USB20HC
Cortex−M3−1
DMAC
Address
Cortex−M3−0
Master/Slave
OHCI
EHCI
D−Bus
DMAC
I−Bus
System
− Bus
D−Bus
I−Bus
Address
System
− Bus
Master/Slave
0x4008
6000
PORT5
d
d
0x4008
5000
PORT4
d
d
0x4008
4000
PORT3
d
d
0x4008
3000
PORT2
d
d
0x4008
2000
PORT1
d
d
0x4008
1000
PORT0
d
d
0x4008
0000
System Controller
d
d
0x4006
5000
Reserved
0x4006
4000
Audio Controls
d
d
0x4006
3000
MP3 Encoder
d
d
0x4006
2000
MP3 Decoder
d
d
0x4006
1000
Audio Functions
d
d
0x4006
0000
Audio Buffer
d
d
d
0x4004
D000
MS
d
d
d
0x4004
C000
SD2
d
d
d
0x4004
B000
SD1
d
d
d
0x4004
A000
SD0
d
d
d
0x4004
9000
Plain Timer2
d
d
0x4004
8000
Plain Timer1
d
d
0x4004
7000
Plain Timer0
d
d
0x4004
6000
Multiple Timer3
d
d
0x4004
5000
Multiple Timer2
d
d
0x4004
4000
Multiple Timer1
d
d
0x4004
3000
Multiple Timer0
d
d
0x4004
2000
Audio PLL
d
d
0x4004
1000
System PLL
d
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More