| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BNC75-R-A-CF bảng dữ liệu(PDF) 3 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
BNC75-R-A-CF bảng dữ liệu(HTML) 3 Page - DDK Ltd. |
|
3 / 9 page ![]() http://www.ddknet.co.jp BNC75 Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○ Straight Bulkhead Cable Jack 3 ○Straight Panel Cable Jack Part Number Applicable Cable Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor BNC75-BJ-2.5C2W-CR1-CF 2.5C-2W Ni Au 2.5C-QEW Part Number Applicable Cable φA L Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor BNC75-PJ-3CW-CR10B-CF 3C-2WS 11.8 32.6 Ni Au 4 CR-H-1132 BNC75-PJ-3C2V-CR1-CF 3C-2V 11.3 30.0 Ni Au CR-H-16776 Part Number Applicable Cable L Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor BNC75-PJ-1.5CCA-EXBV-CF 1.5CCA-EXBV 34.5 Ni Au CR-H-1101 BNC75-PJ-1.5CV-CR2-CF 1.5C-2V 33.0 Ni Au CR-H-1101 1.5C-QEV BNC75-PJ-2.5V-CR-Ni-CF 2.5C-2V 34.5 Ni Ag CR-H-1100 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 Panel Mounting Dimensions 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 Panel Mounting Dimensions |