| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BNC75-R-A-CF bảng dữ liệu(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
BNC75-R-A-CF bảng dữ liệu(HTML) 2 Page - DDK Ltd. |
|
2 / 9 page ![]() Unit:mm http://www.ddknet.co.jp BNC75 Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. 2 ○ Straight Cable Plug Part Number Applicable Cable φA Finish Assembly Insutruction Crimp Tool Outer Conductor Center Conductor BNC75-P-1.5CQEW-CF 1.5C-2W 5.50 Ni Au CR-H-1100 1.5C-QEW BNC75-P-2.5CW-CR10B-CF 2.5C-XW 6.25 Ni Au 1 CR-H-1105 2.5C-2W BNC75-P-3CW-CR10B-CF 3C-2W 7.90 Ni Au 1 CR-H-1132 3C-2WS Part Number Applicable Cable φA Finish Assembly Instruction Outer Conductor Center Conductor BNC75-SP-3C2V-CR1-DA1 3C-2V 6.5 Ni Au Part Number Applicable Cable φA Finish Assembly Instruction Outer Conductor Center Conductor BNC75-P-5-CF 5C-2V 37 Ag Ag BNC75-P-5C2W-CF 5C-2W 37 Ni Ag 3 BNC75-SP-5CFB-CF 5C-FB 39 Ni Ag Part Number Applicable Cable Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor BNC75-SP-1.5CCA-EXBV-CF 1.5CCA-EXBV Ni Au CR-H-1101 ○ Straight Cable Jack Part Number Applicable Cable Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor BNC75-J-2.5C2W-CR10A-CF 2.5C-XW Ni Au CR-H-1105 2.5C-2W 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 26.3 32.5 30 A 29 33.2 18 2 L 14.0 2.3 17.5 12.7 12.7±0.05 φA +0.1 0 4-φ3.1 +0.1 0 17.5 12.7 L 15.8 2.3 4-φ3.1 +0.1 0 φ11.5 +0.1 0 4-φ3.1 4-φ3 12.7±0.05 4-φ3.1 17.5 12.7 15.8 2.3 26.3 12.7±0.05 φ9.0 +0.1 0 4-φ3.0 +0.1 0 |