công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS43199 bảng dữ liệu(PDF) 42 Page - Cirrus Logic

tên linh kiện CS43199
Giải thích chi tiết về linh kiện  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 bảng dữ liệu(HTML) 42 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 38Page - Cirrus Logic CS43199 Datasheet HTML 39Page - Cirrus Logic CS43199 Datasheet HTML 40Page - Cirrus Logic CS43199 Datasheet HTML 41Page - Cirrus Logic CS43199 Datasheet HTML 42Page - Cirrus Logic CS43199 Datasheet HTML 43Page - Cirrus Logic CS43199 Datasheet HTML 44Page - Cirrus Logic CS43199 Datasheet HTML 45Page - Cirrus Logic CS43199 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 111 page
background image
42
DS1113F1
CS4399
4.9 DSD Interface
Each sample is 24 bits, as shown in Fig. 4-25, where the 8 most significant bits are used for the DSD marker and alternate
with each sample between 0x05/0xFA. Each channel within a sample contains the same marker. The remaining 16 least
significant bits are then used for the DSD data, with the first or oldest bit in Slot t0. It is required that markers are provided
continuously when the DoP interface is enabled, or a random sustained DC voltage asserts on loads from CS4399 outputs.
Figure 4-25. DoP Data Sample and Stereo Stream Example
Each PCM frame is assigned to a specific channel (left or right), and when used for DSD streaming, each PCM frame
contains only DSD data corresponding to its assigned channel. The CS4399 unpacks the received DoP data and reforms
it into a DSD stream to feed the internal DSD data paths.
It includes the following features:
• 24 bits per PCM data sample
•I2S format is supported
• DoP data is unpacked internally for DSD playback
• Clock Master and Slave Mode
• Up to 128 • Fs DSD stream
— Accepts a 64•Fs DSD stream with LRCK@176.4 kHz
— Accepts a 128•Fs DSD stream with LRCK@352.8 kHz
To enable DoP interface on the ASP to take in DSD source:
1. Configure the ASP per clocking/format required by DoP content.
2. Configure DSD_SPEED per DoP content.
3. Set DSD_PRC_SRC = 01 and DSD_EN = 1.
4.9 DSD Interface
The DSD interface is enabled or disabled by PDN_DSDIF bit. When cleared, the DSD data interface is enabled. When
using this interface, the DSD interface clock can be mastered by the CS4399 (DSD_M/SB=1). If set to Master Mode,
DSDCLK toggles if both PDN_DSDIF and XSP_3ST bits are cleared, and DSD_EN is set.
If the DSD interface clock is slaved (DSD_M/SB=0), when MCLK_INT is set as 22.5792 MHz, DSDCLK is required to be
synchronous to MCLK_INT. The DSDCLK can be derived by either:
• Exporting 1/4 or 1/8 the frequency of the CS4399 crystal to CLKOUT, or
• Sourcing MCLK_INT and DSDCLK from the same external clock source
DSD Marker (8 MSB)
dm7 dm6 dm5 dm4 dm3 dm2 dm1 dm0 t0
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
t14
t15
16 DSD Audio bits for one channel (oldest bit = t0)
24-Bit PCM Frame
MSB
LSB
0x05
0x05
0xFA
0xFA
LRCK (I2S)
SDATA
(DoP)
0x05
Data Stream Example of Stereo DoP
DoP Data Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com