| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS43199 bảng dữ liệu(PDF) 8 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43199 bảng dữ liệu(HTML) 8 Page - Cirrus Logic |
|
8 / 111 page ![]() 8 DS1113F1 CS4399 1.4 Electrostatic Discharge (ESD) Protection Circuitry 1.4 Electrostatic Discharge (ESD) Protection Circuitry Fig. 1-3 provides a composite view of the ESD domains showing the ESD protection paths between each pad and the substrate (GND), as well as the interrelations between some domains. Note that this figure represents the structure for the internal protection devices and that additional protections can be implemented as part of the integration into the board. Figure 1-3. Composite ESD Topology Table 1-2 shows the individual ESD domains and lists the pins associated with each domain. ESD-sensitive device. The CS4399 is manufactured on a CMOS process. Therefore, it is generically susceptible to damage from excessive static voltages. Proper ESD precautions must be taken while handling and storing this device. This device is qualified to current JEDEC ESD standards. Table 1-2. ESD Domains ESD Domain Signal Name (See * in Topology Figures for Pad) Topology VL/GNDD ADR DSDCLK/SCLK2 SCL SDA DSDB/LRCK2 DSDA/SDIN2 SDIN1 LRCK1 SCLK1 CLKOUT XTI/MCLK XTO VL GNDD Substrate VD VA –VA VP * * VCP_FILT+ GNDCP VCP_FILT– * * VCP GNDA VP/GNDCP Domain VP/VCP_FILT– Domain VCP_FILT+/VCP_FILT– Domain * VL GNDD Substrate * |