công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS43199 bảng dữ liệu(PDF) 55 Page - Cirrus Logic

tên linh kiện CS43199
Giải thích chi tiết về linh kiện  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 bảng dữ liệu(HTML) 55 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 51Page - Cirrus Logic CS43199 Datasheet HTML 52Page - Cirrus Logic CS43199 Datasheet HTML 53Page - Cirrus Logic CS43199 Datasheet HTML 54Page - Cirrus Logic CS43199 Datasheet HTML 55Page - Cirrus Logic CS43199 Datasheet HTML 56Page - Cirrus Logic CS43199 Datasheet HTML 57Page - Cirrus Logic CS43199 Datasheet HTML 58Page - Cirrus Logic CS43199 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
DS1113F1
55
CS4399
5.10 Example Sequences
16 Configure ASP clock
ASP Clock Configuration. 0x40018
0x1C
Reserved
ASP_M/SB
ASP_SCPOL_OUT
ASP_SCPOL_IN
ASP_LCPOL_OUT
ASP_LCPOL_IN
000
1
1
1
0
0
Set ASP port to be master
Configure clock polarity for I2S input
17 Configure ASP frame
ASP Frame Configuration. 0x40019
0x0A
Reserved
ASP_STP
ASP_5050
ASP_FSD
000
0
1
010
Configure ASP port to accept I2S input
18 Set ASP channel location ASP Channel 1 Location. 0x50000
0x00
ASP_RX_CH1
0x00
ASP Channel 1 starts on SCLK0
ASP Channel 2 Location. 0x50001
0x00
ASP_RX_CH2
0x00
ASP Channel 2 starts on SCLK0
19 Set ASP channel size and
enable
ASP Channel 1 Size and Enable. 0x5000A
0x07
Reserved
ASP_RX_CH1_AP
ASP_RX_CH1_EN
ASP_RX_CH1_RES
0000
0
1
11
ASP Channel 1 Active Phase
ASP Channel 1 Enable
ASP Channel 1 Size is 32 bits
ASP Channel 2 Size and Enable. 0x5000B
0x0F
Reserved
ASP_RX_CH2_AP
ASP_RX_CH2_EN
ASP_RX_CH2_RES
0000
1
1
11
ASP Channel 2 Active Phase
ASP Channel 2 Enable
ASP Channel 2 Size is 32 bits
20 Configure PCM interface. HPF filter is used. Deemphasis off.
21 Configure PCM filter
PCM Filter Option. 0x90000
0x02
FILTER_SLOW_FASTB
PHCOMP_LOWLATB
NOS
Reserved
HIGH_PASS
DEEMP_ON
0
0
0
0 00
1
0
High pass filter is selected
22 Set volume for channel B PCM Volume B. 0x90001
0x00
PCM_VOLUME_B
0x00
Set volume to 0 dB
23 Set volume for channel A PCM Volume A. 0x90002
0x00
PCM_VOLUME_A
0x00
Set volume to 0 dB
24 Configure PCM path signal
control
PCM Path Signal Control 1. 0x90003
0xEC
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
1
1
10
1
1
0
0
Soft ramp down of volume on filter change
Volume setting on both channels controlled by PCM_
VOLUME_A
Enable soft ramp
Mute after reception of 8192 samples of 0 or –1.
Mute only when AMUTE condition is detected on both
channels
Function is disabled
Function is disabled
PCM Path Signal Control 2. 0x90004
0x00
Reserved
PCM_INV_A
PCM_INV_B
PCM_SWAP_CHAN
PCM_COPY_CHAN
0000
0
0
0
0
Disable all functions in this register
25 Configure DAC output
26 Configure Class H
amplifier
Class H Control. 0xB0000
0x1E
Reserved
ADPT_PWR
HV_EN
EXT_VCPFILT
000
1 11
1
0
Output signal determines voltage level
High voltage mode enabled
Using internal VCPFILT source.
27 Set DAC output to full
scale
Analog Output Control 1. 0x80000
0x30
Reserved
Reserved
OUT_FS
Reserved
Reserved
0
0
11
0
000
Set DAC output to full scale (1.732 V rms)
Example 5-7. Startup to I2S Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com