công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F101CF bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp

tên linh kiện R5F101CF
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CF bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp

Back Button R5F101CF Datasheet HTML 69Page - Renesas Technology Corp R5F101CF Datasheet HTML 70Page - Renesas Technology Corp R5F101CF Datasheet HTML 71Page - Renesas Technology Corp R5F101CF Datasheet HTML 72Page - Renesas Technology Corp R5F101CF Datasheet HTML 73Page - Renesas Technology Corp R5F101CF Datasheet HTML 74Page - Renesas Technology Corp R5F101CF Datasheet HTML 75Page - Renesas Technology Corp R5F101CF Datasheet HTML 76Page - Renesas Technology Corp R5F101CF Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 73 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(3) 128-pin products, and flash ROM: 384 to 512 KB of 44- to 100-pin products
(TA =
40 to +85C, 1.6 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (2/2)
(Notes and Remarks are listed on the next page.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD = 5.0 V
0.62
1.89
mA
fIH = 32 MHz
Note 4
VDD = 3.0 V
0.62
1.89
mA
VDD = 5.0 V
0.50
1.48
mA
fIH = 24 MHz
Note 4
VDD = 3.0 V
0.50
1.48
mA
VDD = 5.0 V
0.44
1.12
mA
HS (high-
speed main)
mode
Note 7
fIH = 16 MHz
Note 4
VDD = 3.0 V
0.44
1.12
mA
VDD = 3.0 V
290
620
A
LS (low-
speed main)
mode
Note 7
fIH = 8 MHz
Note 4
VDD = 2.0 V
290
620
A
VDD = 3.0 V
460
700
A
LV (low-
voltage
main) mode
Note 7
fIH = 4 MHz
Note 4
VDD = 2.0 V
460
700
A
Square wave input
0.31
1.14
mA
fMX = 20 MHz
Note 3,
VDD = 5.0 V
Resonator
connection
0.48
1.34
mA
Square wave input
0.31
1.14
mA
fMX = 20 MHz
Note 3,
VDD = 3.0 V
Resonator
connection
0.48
1.34
mA
Square wave input
0.21
0.68
mA
fMX = 10 MHz
Note 3,
VDD = 5.0 V
Resonator
connection
0.28
0.76
mA
Square wave input
0.21
0.68
mA
HS (high-
speed main)
mode
Note 7
fMX = 10 MHz
Note 3,
VDD = 3.0 V
Resonator
connection
0.28
0.76
mA
Square wave input
110
390
A
fMX = 8 MHz
Note 3,
VDD = 3.0 V
Resonator
connection
160
450
A
Square wave input
110
390
A
LS (low-
speed main)
mode
Note 7
fMX = 8 MHz
Note 3,
VDD = 2.0 V
Resonator
connection
160
450
A
Square wave input
0.31
0.66
A
fSUB = 32.768 kHz
Note 5
TA =
40C
Resonator
connection
0.50
0.85
A
Square wave input
0.38
0.66
A
fSUB = 32.768 kHz
Note 5
TA = +25
C
Resonator
connection
0.57
0.85
A
Square wave input
0.47
3.49
A
fSUB = 32.768 kHz
Note 5
TA = +50
C
Resonator
connection
0.66
3.68
A
Square wave input
0.80
6.10
A
fSUB = 32.768 kHz
Note 5
TA = +70
C
Resonator
connection
0.99
6.29
A
Square wave input
1.52
10.46
A
IDD2
Note 2
HALT
mode
Subsystem
clock
operation
fSUB = 32.768 kHz
Note 5
TA = +85
C
Resonator
connection
1.71
10.65
A
TA =
40C
0.19
0.54
A
TA = +25
C
0.26
0.54
A
TA = +50
C
0.35
3.37
A
TA = +70
C
0.68
5.98
A
Supply
current
Note 1
IDD3
Note 6
STOP
mode
Note 8
TA = +85
C
1.40
10.34
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com