công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F101CF bảng dữ liệu(PDF) 53 Page - Renesas Technology Corp

tên linh kiện R5F101CF
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CF bảng dữ liệu(HTML) 53 Page - Renesas Technology Corp

Back Button R5F101CF Datasheet HTML 49Page - Renesas Technology Corp R5F101CF Datasheet HTML 50Page - Renesas Technology Corp R5F101CF Datasheet HTML 51Page - Renesas Technology Corp R5F101CF Datasheet HTML 52Page - Renesas Technology Corp R5F101CF Datasheet HTML 53Page - Renesas Technology Corp R5F101CF Datasheet HTML 54Page - Renesas Technology Corp R5F101CF Datasheet HTML 55Page - Renesas Technology Corp R5F101CF Datasheet HTML 56Page - Renesas Technology Corp R5F101CF Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 202 page
background image
RL78/G13
1. OUTLINE
Page 53 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
2.
The number of PWM outputs varies depending on the setting of channels in use (the number of
masters and slaves) (see 6.9.3 Operation as multiple PWM output function in the RL78/G13 User’s
Manual).
(2/2)
80-pin
100-pin
128-pin
Item
R5F100Mx
R5F101Mx
R5F100Px
R5F101Px
R5F100Sx
R5F101Sx
2
2
2
Clock output/buzzer output
 2.44 kHz, 4.88 kHz, 9.76 kHz, 1.25 MHz, 2.5 MHz, 5 MHz, 10 MHz
(Main system clock: fMAIN = 20 MHz operation)
 256 Hz, 512 Hz, 1.024 kHz, 2.048 kHz, 4.096 kHz, 8.192 kHz, 16.384 kHz, 32.768 kHz
(Subsystem clock: fSUB = 32.768 kHz operation)
8/10-bit resolution A/D converter
17 channels
20 channels
26 channels
Serial interface
[80-pin, 100-pin, 128-pin products]
 CSI: 2 channels/simplified I2C: 2 channels/UART: 1 channel
 CSI: 2 channels/simplified I2C: 2 channels/UART: 1 channel
 CSI: 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-bus): 1 channel
 CSI: 2 channels/simplified I2C: 2 channels/UART: 1 channel
I
2C bus
2 channels
2 channels
2 channels
Multiplier and divider/multiply-
accumulator
 16 bits  16 bits = 32 bits (Unsigned or signed)
 32 bits  32 bits = 32 bits (Unsigned)
 16 bits  16 bits + 32 bits = 32 bits (Unsigned or signed)
DMA controller
4 channels
Internal
37
37
41
Vectored
interrupt sources
External
13
13
13
Key interrupt
8
8
8
Reset
 Reset by RESET pin
 Internal reset by watchdog timer
 Internal reset by power-on-reset
 Internal reset by voltage detector
 Internal reset by illegal instruction execution Note
 Internal reset by RAM parity error
 Internal reset by illegal-memory access
Power-on-reset circuit
 Power-on-reset:
1.51 V (TYP.)
 Power-down-reset: 1.50 V (TYP.)
Voltage detector
 Rising edge :
1.67 V to 4.06 V (14 stages)
 Falling edge :
1.63 V to 3.98 V (14 stages)
On-chip debug function
Provided
Power supply voltage
V
DD = 1.6 to 5.5 V (TA = -40 to +85°C)
V
DD = 2.4 to 5.5 V (TA = -40 to +105°C)
Operating ambient temperature
TA = 40 to +85°C (A: Consumer applications, D: Industrial applications )
TA = 40 to +105°C (G: Industrial applications)
Note
The illegal instruction is generated when instruction code FFH is executed.
Reset by the illegal instruction execution not issued by emulation with the in-circuit emulator or on-chip
debug emulator.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com