công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F101CF bảng dữ liệu(PDF) 54 Page - Renesas Technology Corp

tên linh kiện R5F101CF
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CF bảng dữ liệu(HTML) 54 Page - Renesas Technology Corp

Back Button R5F101CF Datasheet HTML 50Page - Renesas Technology Corp R5F101CF Datasheet HTML 51Page - Renesas Technology Corp R5F101CF Datasheet HTML 52Page - Renesas Technology Corp R5F101CF Datasheet HTML 53Page - Renesas Technology Corp R5F101CF Datasheet HTML 54Page - Renesas Technology Corp R5F101CF Datasheet HTML 55Page - Renesas Technology Corp R5F101CF Datasheet HTML 56Page - Renesas Technology Corp R5F101CF Datasheet HTML 57Page - Renesas Technology Corp R5F101CF Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 54 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
This chapter describes the following electrical specifications.
Target products A: Consumer applications TA = −40 to +85°C
R5F100xxAxx, R5F101xxAxx
D: Industrial applications TA = −40 to +85°C
R5F100xxDxx, R5F101xxDxx
G: Industrial applications when TA = −40 to +105°C products is used in the range of TA = −40 to
+85°C
R5F100xxGxx
Cautions 1.
The RL78 microcontrollers have an on-chip debug function, which is provided for
development and evaluation. Do not use the on-chip debug function in products
designated for mass production, because the guaranteed number of rewritable times of the
flash memory may be exceeded when this function is used, and product reliability therefore
cannot be guaranteed. Renesas Electronics is not liable for problems occurring when the
on-chip debug function is used.
2.
With products not provided with an EVDD0, EVDD1, EVSS0, or EVSS1 pin, replace EVDD0 and EVDD1
with VDD, or replace EVSS0 and EVSS1 with VSS.
3.
The pins mounted depend on the product. Refer to 2.1 Port Function to 2.2.1 Functions for
each product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com