| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9658TR bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9658TR bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 64 page ![]() L9658 Functional description Doc ID 14219 Rev 3 37/64 The current sources (IBIAS and ISRC) and the AOUT/Comparators multiplexers are independently selectable. These multiplexers can address the same channel or individual channels. They cannot address multiple channels concurrently. It is not possible to source diagnostic current to more than one channel at a time. The AOUT multiplexer also selects the measurement channel for the short to ground SGth and short to battery SBth comparators. Please see Figure 13 for the deployment driver diagnostic block diagram. This flexibility in multiplexer addressing permits the detection of short between loops. To detect a short, enable the diagnostic current, direct it to channel X and monitor the MISO Diagnostic Mode Response bit D7 on the other channels. If no short exists between channel X and the channel under measurement, the MISO Diagnostic Mode Response will report a SQL voltage below SGth threshold (D7=1). If a short exists between channel X and the channel under measurement, the MOSI Diagnostic Mode Response will report a SQL voltage above SGth threshold (D7=0). Diagnostic of multiple device, requires the ability to turn on a current source in one device, while reading AOUT voltage of another device. Use the MOSI Diagnostic Mode Message to configure the device and the MISO Diagnostic Mode Response to measure the results. Table 19 and 20 define the MOSI Diagnostic Mode Message and MISO Diagnostic Mode Response bits respectively. Bit D6 through bit D4 selects a specific channel, which will be monitored. If AOUT output is enabled, AOUT shall reflect the voltage on the selected channel. Also, SBTH and SGTH status bits shall report the status of the respective channel. The decoding scheme of this channel selection is shown in the following table. The default states of these bits are ‘0’ (channel 0 selected). Bit D3 is used to calibrate AOUT. If this bit is set to ‘1,’ AOUT pin contains the calibration voltage. The processor can use this calibration voltage to make adjustment to the subsequent resistance measurement reading. This is intended to improve the accuracy of the resistance measurement. When this bit is set to ‘0,’ AOUT pin contains the resistance measurement results. The default state of this bit is ‘0.’ Table 20. Channel selection decoding Bit D6 Bit D5 Bit D4 Channel Selected Bit D2 Bit D1 Bit D0 000 0 001 1 010 2 011 3 100 4 101 5 110 6 111 7 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |