| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9658TR bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9658TR bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 64 page ![]() Functional description L9658 30/64 Doc ID 14219 Rev 3 4.10.8 High side MOS diagnostic When L9658 receives a SPI command to initiate the high side MOS diagnostic, the following conditions are verified before turning on the high side MOS: –VSQL greater than SGTH threshold voltage –VSQH less than SBTH threshold voltage If both conditions above are satisfied, the high side MOS diagnostic is executed. Otherwise, it ignored and both bit D13 and bit D7 in SPI diagnostic are set. Upon detection of the following conditions, the high side driver is turned off and the diagnostic, within the specified time, tPROP_DLY, is terminated –VSQH greater than SBTH threshold voltage –(VSQHx – VSQLx) greater than VI_TH –VSQL less than SGTH threshold voltage The state of each comparator above is reported through SPI. When L9658 detects one of the above conditions, it set the respective SPI status bit to indicate the condition. Any of the above conditions will be considered as normal in a high side MOS diagnostic. The high side driver is turned off when tTIMEOUT is expired. A fault detection filter, tFLT_DLY, is provided to protect against short-transients on SQH and SQL pins. 4.10.9 Loss of ground When any of the power grounds (GND0 – 7) are lost, no deployment can occur to the respective deployment channels. A loss of ground condition on one or several channels will not affect the operation of the remaining channels. When a loss of ground condition occurs, the source of the low side MOS will be floating. In this case, no current will flow through the low side driver. This condition will be detected as a fault by a low side MOS diagnostic. Also, the resistance measurement result will be on the low end of the resistance range. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |