| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9658TR bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9658TR bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 64 page ![]() L9658 Functional description Doc ID 14219 Rev 3 29/64 device turns the low side driver off and terminate the diagnostic within the specified time, tPROP_DLY. –VSQL less than SGTH threshold voltage –(VSQHx – VSQLx) greater than VI_TH –VSQH greater than SBTH threshold voltage The state of each comparator above is reported through SPI. When the device detects one of the above conditions, the respective SPI status bit to indicate the condition is set. Any of the above conditions will be considered as normal in a low side MOS diagnostic. The low side driver is turned off when tTIMEOUT is expired. A fault detection filter, tFLT_DLY, is provided to protect against short-transients on SQH and SQL pins. Figure 16. Low side diagnostic flow chart Y N t TIMEOUT = 2ms SPI Command: Disconnect I BIAS Y N SPI Command: LS FET Test t FLT_DLY= 20μs Note: SPI Transmission and SPI Command can be sent in the same CS_D. Turn on LS FET END Switch OFF LS FET Disconnect I BIAS Y SPI Transmission Clear V I_TH, SBTH, and SGTH bits SPI Response: Send V I_TH, SBTH and SGTH bits SPI Command: Disconnect I BIAS Y N N (SQH-SQL) > V I_TH OR SQH > SB TH during t FLT_DLY Y N SQL < SG TH during t FLT_DLY Y N Set SPI.Diag.SG TH Set SPI.Diag.V I_TH OR Set SPI.Diag.SB TH t > t TIMEOUT N Y SQH < SB TH AND SQL > SG TH Y N Set SPI.Diag.SB TH AND Set SPI.Diag.SG TH Y N SPI Command: D6..D4 == D2..D0 Set SPI.Diag.SB TH AND Set SPI.Diag.SG TH AND Set SPI.Diag.V I_TH SPI Command Diag Mode D11=0 OR Cmd Mode Message Y N BEGIN SQH > SB th during t FLT_DLY SPI Command: Connect I BIAS SQL < SG th during t FLT_DLY Clear SBth and SGth bits Y SPI Response: Send SBth and SGth bits Set SPI.Diag.SB TH Set SPI.Diag.SG TH N SPI Transmission Y Y Clear SPI.Diag.SG TH Clear SPI.Diag.SB TH N SQH < SB th during t FLT_DLY N SQL > SG th during t FLT_DLY Y Y N |