công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9658TR bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện L9658TR
Giải thích chi tiết về linh kiện  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 15Page - STMicroelectronics L9658TR Datasheet HTML 16Page - STMicroelectronics L9658TR Datasheet HTML 17Page - STMicroelectronics L9658TR Datasheet HTML 18Page - STMicroelectronics L9658TR Datasheet HTML 19Page - STMicroelectronics L9658TR Datasheet HTML 20Page - STMicroelectronics L9658TR Datasheet HTML 21Page - STMicroelectronics L9658TR Datasheet HTML 22Page - STMicroelectronics L9658TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
19/64
4.5
IREF
IREF pin shall be connected to VDD supply through a resistor, RIREF. When the device
detects the resistor on IREF pin is larger than RIREF_H or smaller than RIREF_L, it goes in
reset condition. All outputs are disabled and all internal registers are reset to their default
conditions.
4.6
Loss of ground
When GND pin is disconnected from PC-board ground, L9658 goes in reset condition. All
outputs are disabled and all internal registers are reset to their default conditions. A loss of
power-ground (GND0 – GND7) pin/s disables the respective channel/s. In other words, the
channel that loses its power ground connection will not be able to deploy. The rest of the
device is not affected by a loss of power-ground condition.
AOUT_GND pin is a reference for AOUT pin. When AOUT_GND loses its connection the reset
as well.
4.7
Deployment and reset
The following conditions reset and terminate deployments:
●
Power On Reset (POR)
●
IREF resistance is larger than RIREF_H or smaller than RIREF_L
●
Loss of ground condition on GND pin
The following conditions are ignored when it has a deployment in-progress:
●
RESETB
●
Valid soft reset sequences
4.8
Serial peripheral interface (SPI)
The device contains a serial peripheral interface consisting of Serial Clock (SCLK,
SCLK_A), Serial Data Out (MISO, MISO_A), Serial Data In (MOSI, MOSI_A), and two Chip
Selects (CS_A, CS_D and CS_S). This device is configured as an SPI slave. The idle state
of the communication, Serial Clock (SCLK, SCLK_A) should be low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com