| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STHVDAC-253M bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STHVDAC-253M bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 27 page ![]() Register table STHVDAC-253M 18/27 DocID025735 Rev 1 Table 14 is showing a typical set of command sequences, to start up and initialize the device, control the HVDAC outputs, and then switch off the device. Command sequences #2,3 & 4 can also be sent at once using an extended mode command sequence. Table 14. Typical command sequences CS# Description SSC Command frame 01 0 USID R/W Reg adress [4,0] P DATA [7,0] P BP 1 Write Reg28 - switch to active mode 0 1 0 0 1 1 1 0 1 0 1 1 1 0 0 0 0 1 1 1 1 0 0 0 1 BP 2 Write Reg0 - program DAC C 0 1 0 0 1 1 1 0 1 0 0 0 0 0 0 1 0 000 000 0 1 BP DAC C value P BP 0 111 111 1 0 BP 3 Write Reg1 - program DAC B 0 1 0 0 1 1 1 0 1 0 0 0 0 0 1 0 0 000 000 0 1 BP DAC B value P BP 0 111 111 1 0 BP 4 Write Reg2 - program DAC C 0 1 0 0 1 1 1 0 1 0 0 0 0 1 0 0 0 000 000 0 1 BP DAC A value P BP 0 111 111 1 0 BP Back to CS#2 to run in loop mode 5 Write Reg28 - switch to shutdown mode 01 0 0 1 1 1 0 1 0 1 1 1 0 0 0 1 011 100 0 1 BP |