công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STHVDAC-253M bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện STHVDAC-253M
Giải thích chi tiết về linh kiện  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 12Page - STMicroelectronics STHVDAC-253M Datasheet HTML 13Page - STMicroelectronics STHVDAC-253M Datasheet HTML 14Page - STMicroelectronics STHVDAC-253M Datasheet HTML 15Page - STMicroelectronics STHVDAC-253M Datasheet HTML 16Page - STMicroelectronics STHVDAC-253M Datasheet HTML 17Page - STMicroelectronics STHVDAC-253M Datasheet HTML 18Page - STMicroelectronics STHVDAC-253M Datasheet HTML 19Page - STMicroelectronics STHVDAC-253M Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Register table
STHVDAC-253M
16/27
DocID025735 Rev 1
4.1
RFFE interface-register content description
Registers content and control are further described in Table 10 to Table 12.
Table 10. HVDAC mode selection-REG#28
D7
D6
Comments
PWR_MODE
0
0
Active mode
0
1
Startup / registers reset to default
1
0
Low power
11
n/a
Table 11. HVDAC trigger control register - REG#28
D5
D4
D3
D2
D1
D0
comments
Trig mask2 Trig mask1 Trig mask0 TRIG2
TRIG1
TRIG0
0
0
0
0
0
0
Triggers 2, 1 and 0 are unmasked and disable
0
0
0
1
1
1
Triggers 2, 1 and 0 are unmasked and enable
1
1
1
0
0
0
Triggers 2, 1 and 0 are masked (default)
Table 12. HVDAC unique slave identifier control - REG31
D7
D6
D5
D4
D3
D2
D1
D0
comments
spare
Manufacturer_ID[9,8]
USID
0
0
0
1
01
11
default value
0
0
0
1
xx
xx
USID can be modified by RFFE master, see
detailed programming procedure in MIPI RFFE
specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27