| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2148 bảng dữ liệu(PDF) 4 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2148 bảng dữ liệu(HTML) 4 Page - Dallas Semiconductor |
|
4 / 75 page ![]() DS2148/Q48 4 of 75 1. LIST OF FIGURES Figure 3-1 DS2148 BLOCK DIAGRAM..................................................................................................... 7 Figure 3-2 RECEIVE LOGIC ...................................................................................................................... 8 Figure 3-3 TRANSMIT LOGIC................................................................................................................... 9 Figure 4-1 PARALLEL PORT MODE PINOUT (BIS1 = 0, BIS0 = 1 or 0) ............................................ 21 Figure 4-2 SERIAL PORT MODE PINOUT (BIS1 = 1, BIS0 = 0) .......................................................... 21 Figure 4-3 HARDWARE MODE PINOUT (BIS1 = 1, BIS0 = 1) ............................................................ 22 Figure 5-1 SERIAL PORT OPERATION FOR READ ACCESS (R=1) MODE 1.................................. 25 Figure 5-2 SERIAL PORT OPERATION FOR READ ACCESS MODE 2 ............................................. 25 Figure 5-3 SERIAL PORT OPERATION FOR READ ACCESS MODE 3 ............................................. 26 Figure 5-4 SERIAL PORT OPERATION FOR READ ACCESS MODE 4 ............................................. 26 Figure 5-5 SERIAL PORT OPERATION FOR WRITE ACCESS (R=0) MODES 1&2 ...……………27 Figure 5-6 SERIAL PORT OPERATION FOR WRITE ACCESS MODES 3&4 …………...…………27 Figure 9-1 BASIC INTERFACE ………………………………………………………………………..50 Figure 9-2 PROTECTED INTERFACE USING INTERNAL RECEIVE TERMINATION.................... 51 Figure 9-3 PROTECTED INTERFACE USING EXTERNAL RECEIVE TERMINATION .................. 52 Figure 9-4 E1 TRANSMIT PULSE TEMPLATE...................................................................................... 53 Figure 9-5 T1 TRANSMIT PULSE TEMPLATE...................................................................................... 54 Figure 9-6 JITTER TOLERANCE............................................................................................................. 55 Figure 9-7 JITTER ATTENUATION ........................................................................................................ 55 Figure 10-1 BGA 12 x 12 PIN LAYOUT .................................................................................................. 59 Figure 12-1 INTEL BUS READ TIMING (PBTS = 0, BIS1 = 0, BIS0 = 0) ............................................ 63 Figure 12-2 INTEL BUS WRITE TIMING (PBTS = 0, BIS1 = 0, BIS0 = 0)........................................... 63 Figure 12-3 MOTOROLA BUS TIMING (PBTS = 1, BIS1 = 0, BIS0 = 0) ............................................ 64 Figure 12-4 INTEL BUS READ TIMING (PBTS = 0, BIS1 = 0, BIS0 = 1) ............................................ 66 Figure 12-5 INTEL BUS WRITE TIMING (PBTS = 0, BIS1 = 0, BIS0 = 1)........................................... 66 Figure 12-6 MOTOROLA BUS READ TIMING (PBTS = 1, BIS1 = 0, BIS0 = 1) ................................. 67 Figure 12-7 MOTOROLA BUS WRITE TIMING (PBTS = 1, BIS1 = 0, BIS0 = 1)................................ 67 Figure 12-8 SERIAL BUS TIMING (BIS1 = 1, BIS0 = 0)........................................................................ 68 Figure 12-9 RECEIVE SIDE TIMING ...................................................................................................... 69 Figure 12-10 TRANSMIT SIDE TIMING................................................................................................. 70 |