công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC563M64L5 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện SPC563M64L5
Giải thích chi tiết về linh kiện  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 11Page - STMicroelectronics SPC563M64L5 Datasheet HTML 12Page - STMicroelectronics SPC563M64L5 Datasheet HTML 13Page - STMicroelectronics SPC563M64L5 Datasheet HTML 14Page - STMicroelectronics SPC563M64L5 Datasheet HTML 15Page - STMicroelectronics SPC563M64L5 Datasheet HTML 16Page - STMicroelectronics SPC563M64L5 Datasheet HTML 17Page - STMicroelectronics SPC563M64L5 Datasheet HTML 18Page - STMicroelectronics SPC563M64L5 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
SPC563Mxx
Device overview
Doc ID 13850 Rev 6
15/48
–
Angle clock hardware support
–
Shared time or angle counter bus with eMIOS
–
DMA and interrupt request support
–
Nexus Class 1 debug support
–
eTPU2 enhancements
Counters and channels can run at full system clock speed
Software watchdog
Real-time performance monitor
Instruction set enhancements for smaller more flexible code generation
Programmable channel mode for customization of channel operation
●
Enhanced queued A/D converter (eQADC)
–
Two independent on-chip redundant signed digit (RSD) cyclic ADCs
8-, 10-, and 12-bit resolution
Differential conversions
Targets up to 10-bit accuracy at 500 KSample/s (ADC_CLK = 7.5 MHz) and 8-bit
accuracy at 1 MSample/s (ADC_CLK = 15 MHz) for differential conversions
Differential channels include variable gain amplifier (VGA) for improved dynamic
range (
×1; ×2; ×4)
Differential channels include programmable pull-up and pull-down resistors for
biasing and sensor diagnostics (200 k
Ω; 100 kΩ; low value of 5 kΩ)
Single-ended signal range from 0 to 5 V
Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
Provides time stamp information when requested
Parallel interface to eQADC command FIFOs (CFIFOs) and result FIFOs
(RFIFOs)
Supports both right-justified unsigned and signed formats for conversion results
Temperature sensor to enable measurement of die temperature
Ability to measure all power supply pins directly
–
Automatic application of ADC calibration constants
Provision of reference voltages (25% VREF and 75% VREF) for ADC calibration
purposes
–
Up to 34(c) input channels available to the two on-chip ADCs
–
Four pairs of differential analog input channels
–
Full duplex synchronous serial interface to an external device
Has a free-running clock for use by the external device
Supports a 26-bit message length
Transmits a null message when there are no triggered CFIFOs with commands
bound for external CBuffers, or when there are triggered CFIFOs with commands
bound for external CBuffers but the external CBuffers are full
–
–
Parallel Side Interface to communicate with an on-chip companion module
c.
176-pin and 208-pin packages have 34 input channels; 144-pin package has 32; 100-pin package has 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com