| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC563M64L5 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M64L5 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 48 page ![]() Device overview SPC563Mxx 14/48 Doc ID 13850 Rev 6 power supply ● Boot assist module (BAM) – Enables and manages the transition of MCU from reset to user code execution in the following configurations: Execution from internal Flash memory Execution from external memory on the calibration bus Download and execution of code via FlexCAN or eSCI ● Periodic interrupt timer (PIT) – 32-bit wide down counter with automatic reload – Four channels clocked by system clock – One channel clocked by crystal clock – Each channel can produce periodic software interrupt – Each channel can produce periodic triggers for eQADC queue triggering – One channel out of the five can be used as wake-up timer to wake device from low power stop mode ● System timer module (STM) – 32-bit up counter with 8-bit prescaler – Clocked from system clock – Four-channel timer compare hardware – Each channel can generate a unique interrupt request – Designed to address AutoSAR task monitor function ● Software watchdog timer (SWT) – 32-bit timer – Clock by system clock or crystal clock – Can generate either system reset or non-maskable interrupt followed by system reset – Enabled out of reset ● Enhanced modular I/O system (eMIOS) – 16 timer channels (up to 14 channels in LQFP144) – 24-bit timer resolution – 3 selectable time bases plus shared time or angle counter bus from eTPU2 – DMA and interrupt request support – Motor control capability ● Second-generation enhanced time processor unit (eTPU2) – Object-code compatible with eTPU—no changes are required to hardware or software if only eTPU features are used – Intelligent co-processor designed for timing control – High level tools, assembler and compiler available – 32 channels (each channel has dedicated I/O pin in all packages except LQFP100) – 24-bit timer resolution – 14 KB code memory and 3 KB data memory – Double match and capture on all channels |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |