công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC563M64L5 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện SPC563M64L5
Giải thích chi tiết về linh kiện  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 7Page - STMicroelectronics SPC563M64L5 Datasheet HTML 8Page - STMicroelectronics SPC563M64L5 Datasheet HTML 9Page - STMicroelectronics SPC563M64L5 Datasheet HTML 10Page - STMicroelectronics SPC563M64L5 Datasheet HTML 11Page - STMicroelectronics SPC563M64L5 Datasheet HTML 12Page - STMicroelectronics SPC563M64L5 Datasheet HTML 13Page - STMicroelectronics SPC563M64L5 Datasheet HTML 14Page - STMicroelectronics SPC563M64L5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
SPC563Mxx
Device overview
Doc ID 13850 Rev 6
11/48
–
Memory management unit (MMU) with 16-entry fully-associative translation look-
aside buffer (TLB)
–
Separate instruction bus and load/store bus
–
Vectored interrupt support
–
Interrupt latency < 120 ns @ 80 MHz (measured from interrupt request to
execution of first instruction of interrupt exception handler)
–
Non-maskable interrupt (NMI) input for handling external events that must produce
an immediate response, for example, power down detection. On this device, the
NMI input is connected to the Critical Interrupt Input. (May not be recoverable)
–
Critical Interrupt Input. For external interrupt sources that are higher priority than
provided by the Interrupt Controller. (Always recoverable)
–
New ‘Wait for Interrupt’ instruction, to be used with new low power modes
–
Reservation instructions for implementing read-modify-write accesses
–
Signal processing extension (SPE) APU
Operating on all 32 GPRs that are all extended to 64 bits wide
Provides a full compliment of vector and scalar integer and floating point arithmetic
operations (including integer vector MAC and MUL operations) (SIMD)
Provides rich array of extended 64-bit loads and stores to/from extended GPRs
Fully code compatible with e200z6 core
–
Floating point (FPU)
IEEE 754 compatible with software wrapper
Scalar single precision in hardware, double precision with software library
Conversion instructions between single precision floating point and fixed point
Fully code compatible with e200z6 core
–
Long cycle time instructions, except for guarded loads, do not increase interrupt
latency
–
Extensive system development support through Nexus debug port
●
Advanced microcontroller bus architecture (AMBA) crossbar switch (XBAR)
–
Three master ports, four slave ports
Masters: CPU Instruction bus; CPU Load/store bus (Nexus); eDMA
Slave: Flash; SRAM; Peripheral Bridge; calibration EBI
–
32-bit internal address bus, 64-bit internal data bus
●
Enhanced direct memory access (eDMA) controller
–
32 channels support independent 8-bit, 16-bit, or 32-bit single value or block
transfers
–
Supports variable sized queues and circular queues
–
Source and destination address registers are independently configured to post-
increment or remain constant
–
Each transfer is initiated by a peripheral, CPU, or eDMA channel request
–
Each eDMA channel can optionally send an interrupt request to the CPU on
completion of a single value or block transfer
●
Interrupt controller (INTC)
–
191 peripheral interrupt request sources
–
8 software setable interrupt request sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com