công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6706 bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện L6706
Giải thích chi tiết về linh kiện  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 30Page - STMicroelectronics L6706 Datasheet HTML 31Page - STMicroelectronics L6706 Datasheet HTML 32Page - STMicroelectronics L6706 Datasheet HTML 33Page - STMicroelectronics L6706 Datasheet HTML 34Page - STMicroelectronics L6706 Datasheet HTML 35Page - STMicroelectronics L6706 Datasheet HTML 36Page - STMicroelectronics L6706 Datasheet HTML 37Page - STMicroelectronics L6706 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Output voltage monitor and protections
L6706
34/47
Doc ID 15698 Rev 2
15
Output voltage monitor and protections
L6706 monitors through pin VSEN the regulated voltage in order to manage the OVP and
UVP conditions. Protections are active also during soft-start (See “Soft-start” Section) while
they are masked during D-VID transitions with an additional 67µs delay after the transition
has finished to avoid false triggering.
15.1
Undervoltage
If the output voltage monitored by VSEN drops more than 600 mV (typ) below the
programmed reference for more than one clock period, the L6706:
Permanently turns OFF the MOSFETs
Drives the OSC/ FAULT pin high (3.3 V typ).
Power supply or OUTEN pin cycling is required to restart operations.
15.2
Preliminary overvoltage
To provide a protection while VCC is below the UVLOVCC threshold is fundamental to avoid
damage to the CPU in case of failed HS MOSFETs. In fact, since the device is supplied from
the 12 V bus, it is basically “blind” for any voltage below the turn-on threshold (UVLOVCC). In
order to give full protection to the load, a preliminary-OVP protection is provided while VCC
is within UVLOVCC and UVLOPre-OVP.
This protection turns-on the low side MOSFETs as long as the VSEN pin voltage is greater
than 1.800 V with a 350 mV hysteresis. When set, the protection drives the LS MOSFET
with a gate-to-source voltage depending on the voltage applied to VCC. This protection
depends also on the OUTEN pin status as detailed in Figure 18.
A simple way to provide protection to the output in all conditions when the device is OFF
(then avoiding the unprotected red region in Figure 18-Left) consists in supplying the
controller through the 5 VSB bus as shown in Figure 18-Right: 5VSB is always present before
+12 V and, in case of HS short, the LS MOSFET is driven with 5V assuring a reliable
protection of the load.
Figure 18.
Output voltage protections and typical principle connections
Vcc
UVLO
OVP
UVLO
VCC
Preliminary OVP Enabled
VSEN Monitored
No Protection
Provided
(OUTEN = 1)
Programmable OVP
VSEN Monitored
(OUTEN = 0)
Preliminary OVP
VSEN Monitored
VCC
VCCDR
+12V
+5V
SB
10
Ω
2.2
Ω
BAT54C
1
μF
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com