| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5416 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5416 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 98 page ![]() 2.2.2 Pin Assignments for the PGE Package A18 A17 DVSS A16 D5 D4 D3 D2 D1 D0 RS X2/CLKIN X1 HD3 CLKOUT DVSS HPIENA CVDD CVSS TMS TCK TRST TDI TDO EMU1/OFF EMU0 TOUT HD2 HPI16 CLKMD3 CLKMD2 CLKMD1 DVSS DVDD BDX1 BFSX1 CVSS A22 CVSS DVDD A10 HD7 A11 A12 A13 A14 A15 CVDD HAS DVSS CVSS CVDD HCS HR/W READY PS DS IS R/W MSTRB IOSTRB MSC XF HOLDA IAQ HOLD BIO MP/MC DVDD CVSS BDR1 BFSR1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 TMS320VC5416 Fixed-Point Digital Signal Processor SPRS095P – MARCH 1999 – REVISED OCTOBER 2008 www.ti.com The TMS320VC5416PGE 144-pin low-profile quad flatpack (LQFP) pin assignments are shown in Figure 2-2. DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and the core CPU. Figure 2-2. 144-Pin PGE Low-Profile Quad Flatpack (Top View) 12 Introduction Submit Documentation Feedback |