| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM8147SCIS0 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM8147SCIS0 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 377 page ![]() DSP Subsystem C674xTM DSP CPU 32KB L1 Pgm 32 KB L1 Data 256 KB L2 Cache Video Processing Subsystem Video Capture Display Processing HD OSD SD OSD HD VENC SD VENC HDMI Xmt SD DACs AET ICE Crusher System MMU McASP (6) McBSP DDR2/3 32-bit (2) GPMC + ELM EMAC (R)(G)MII (2) MDIO USB 2.0 Ctlr/PHY (2) PCIe 2.0 (One x1 Port) UART (6) SPI (4) I 2C (4) SATA 3Gbp/s (1 Drives) System Control Serial Interfaces Program/Data Storage Connectivity Peripherals A. SGX530 is only available on the DM8148 device. System Interconnect GP Timer (8) Watchdog Timer Real-Time Clock PRCM JTAG Imaging Subsystem Parallel Cam Input Resizer MMC/SD/ SDIO (3) DCAN (2) ARM Subsystem Cortex TM -A8 CPU 32 KB I-Cache 32 KB D-Cache 512 KB L2 Cache Boot ROM 48 KB RAM 64 KB NEON FPU Spin Lock Mailbox TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com 1.4 Functional Block Diagram Figure 1-1 shows the functional block diagram of the device. Figure 1-1. TMS320DM814x DaVinci video Processors Functional Block Diagram 6 High-Performance System-on-Chip (SoC) Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |