công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM8147SCIS0 bảng dữ liệu(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM8147SCIS0
Giải thích chi tiết về linh kiện  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DM8147SCIS0 bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button DM8147SCIS0 Datasheet HTML 45Page - Texas Instruments DM8147SCIS0 Datasheet HTML 46Page - Texas Instruments DM8147SCIS0 Datasheet HTML 47Page - Texas Instruments DM8147SCIS0 Datasheet HTML 48Page - Texas Instruments DM8147SCIS0 Datasheet HTML 49Page - Texas Instruments DM8147SCIS0 Datasheet HTML 50Page - Texas Instruments DM8147SCIS0 Datasheet HTML 51Page - Texas Instruments DM8147SCIS0 Datasheet HTML 52Page - Texas Instruments DM8147SCIS0 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
3.2.3
Controller Area Network (DCAN) Modules (DCAN0, DCAN1)
Table 3-3. DCAN Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
DCAN0
DCAN0_RX/
UART2, I2C[3], GP1
UART2_RXD/
IPU
AG6
I/O
PINCNTL69
DCAN0 receive data pin.
I2C[3]_SCL/
DVDD
DSIS: 1
GP1[1]
DCAN0_TX/
UART2, I2C[3], GP1
UART2_TXD/
IPU
AH6
I/O
PINCNTL68
DCAN0 transmit data pin.
I2C[3]_SDA/
DVDD
DSIS: 1
GP1[0]
DCAN1
UART0_RTS/
UART0, UART4, SPI[1],
UART4_TXD/
IPU
SD2
DCAN1_RX/
AF5
I/O
DCAN1 receive data pin.
DVDD
PINCNTL73
SPI[1]_SCS[2]/
DSIS: 1
SD2_SDCD
UART0_CTS/
UART0, UART4, SPI[1],
UART4_RXD/
IPU
SD0
DCAN1_TX/
AE6
I/O
DCAN1 transmit data pin.
DVDD
PINCNTL72
SPI[1]_SCS[3]/
DSIS: 1
SD0_SDCD
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
49
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More