| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9659 bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9659 bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 51 page ![]() Functional description L9659 48/51 Doc ID 022048 Rev 2 Monitor mode 4 Monitor mode main information: ● Revision ● L9659 ID The SPI message definition for MOSI commands and MISO responses in Monitor Mode 4 are defined below . The MOSI response for the first pass L9659 will be 0xED08 MSB LSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MOSI Command for Monitor Mode 4 1 1 P 0 1 1 0 0 0 0 0 0 0 0 0 0 MISO Response for Monitor Mode 4 1 1 P 0 1 1 ID3 ID2 ID1 ID0 R5 R4 R3 R2 R1 R0 Table 31. MOSI monitor mode 4 bit definition Bit MOSI command MISO response State Description D15 1 Mode Bits See above for state D14 1 See above for state D13 Odd Parity – Includes all 16 bits Odd Parity – Includes all 16 bits D12 0 - See above for state D11 1 Mode selection See above for state D10 1 Mode selection See above for state D9-D6 0 - ‘0100’ is device L9659 D5:D0 0 - Revision Information |