| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9659 bảng dữ liệu(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9659 bảng dữ liệu(HTML) 45 Page - STMicroelectronics |
|
45 / 51 page ![]() L9659 Functional description Doc ID 022048 Rev 2 45/51 Monitor mode 2 Monitor mode main information: ● Current limit measurement of channels The SPI message definition for MOSI commands and MISO responses in Monitor Mode 2 are defined below. Bits [D9:D7]. Used when sending the MOSI command to select the channel to be measured. The MISO response will echo the MOSI command. MSB LSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MOSI Command for Monitor Mode 2 1 1 P CLR 0 1 Current Measurement Channel Select 0 0 0 0 0 0 0 MISO Response for Monitor Mode 2 1 1 P 0 0 1 Current Measurement Channel Current Measurement Data Table 28. MOSI monitor mode 2 Bit definition Bit MOSI command MISO response State Description D15 1 Mode bits See above for state D14 1 Mode bits See above for state D13 Odd parity – Includes all 16 bits Odd Parity – Includes all 16 bits D12 0 Keep timer measurements See above for state 1 Clear “current measurement time” stored on the register of channel selected by D9:D7 See above for state D11 0 Monitor mode selection bits See above for state D10 1 Monitor mode selection bits See above for state D9 Channel selected for current measurement See Table 29 Internal Stored channel selections bits D8 D7 D6:D0 0 - Current measurement of selected channel Table 29. Current measurement channel selections Channel Bit D9 Bit D08 Bit D07 0 0 0 0 1 0 0 1 2 0 1 0 3 0 1 1 |