công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM351-RTR bảng dữ liệu(PDF) 152 Page - Silicon Laboratories

tên linh kiện EM351-RTR
Giải thích chi tiết về linh kiện  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR bảng dữ liệu(HTML) 152 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 148Page - Silicon Laboratories EM351-RTR Datasheet HTML 149Page - Silicon Laboratories EM351-RTR Datasheet HTML 150Page - Silicon Laboratories EM351-RTR Datasheet HTML 151Page - Silicon Laboratories EM351-RTR Datasheet HTML 152Page - Silicon Laboratories EM351-RTR Datasheet HTML 153Page - Silicon Laboratories EM351-RTR Datasheet HTML 154Page - Silicon Laboratories EM351-RTR Datasheet HTML 155Page - Silicon Laboratories EM351-RTR Datasheet HTML 156Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 241 page
background image
Rev 1.3
152
TIM_CC2G
[2]
W
Capture/Compare 2 Generation.
0: Does nothing.
1: If CC2 configured as output channel:
The TIM_CC2IF flag is set.
If CC2 configured as input channel:
The TIM_CC2IF flag is set.
The INT_TIMMISSCC2IF flag is set if the TIM_CC2IF flag was already high.
The current value of the counter is captured in TMRx_CCR2 register.
TIM_CC1G
[1]
W
Capture/Compare 1 Generation.
0: Does nothing.
1: If CC1 configured as output channel:
The TIM_CC1IF flag is set.
If CC1 configured as input channel:
The TIM_CC1IF flag is set.
The INT_TIMMISSCC1IF flag is set if the TIM_CC1IF flag was already high.
The current value of the counter is captured in TMRx_CCR1 register.
TIM_UG
[0]
W
Update Generation.
0: Does nothing.
1: Re-initializes the counter and generates an update of the registers. This also
clears the prescaler counter but the prescaler ratio is not affected. The counter is
cleared if center-aligned mode is selected or if TIM_DIR=0 (up-counting), other-
wise it takes the auto-reload value (TMR1_ARR) if TIM_DIR=1 (down-counting).
Bitname
Bitfield Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More