| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM351-RTR bảng dữ liệu(PDF) 56 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM351-RTR bảng dữ liệu(HTML) 56 Page - Silicon Laboratories |
|
56 / 241 page ![]() Rev 1.3 56 Two of the four external interrupts, IRQA and IRQB, have fixed pin assignments. The other two external interrupts, IRQC and IRQD, can use any GPIO pin. The GPIO_IRQCSEL and GPIO_IRQDSEL registers specify the GPIO pins assigned to IRQC and IRQD, respectively. Table 7.4 shows how the GPIO_IRQCSEL and GPIO_IRQDSEL register values select the GPIO pin used for the external interrupt. In some cases, it may be useful to assign IRQC or IRQD to an input also in use by a peripheral, for example to generate an interrupt from the slave select signal (nSSEL) in an SPI slave mode interface. Refer to "11. Interrupt System" on page 190 for further information regarding the EM35x interrupt system. 7.9. Debug Control and Status Two GPIO registers are largely concerned with debugger functions. GPIO_DBGCFG can disable debugger operation, but has other miscellaneous control bits as well. GPIO_DBGSTAT, a read-only register, returns status related to debugger activity (GPIO_FORCEDBG and GPIO_SWEN), as well a flag (GPIO_BOOTMODE) indicating whether nBOOTMODE was asserted at the last power-on or nRESET-based reset. Table 7.4. IRQC/D GPIO Selection GPIO_IRQxSEL GPIO GPIO_IRQxSEL GPIO GPIO_IRQxSEL GPIO 0 PA0 8 PB0 16 PC0 1 PA1 9 PB1 17 PC1 2 PA2 10 PB2 18 PC2 3 PA3 11 PB3 19 PC3 4 PA4 12 PB4 20 PC4 5 PA5 13 PB5 21 PC5 6 PA6 14 PB6 22 PC6 7 PA7 15 PB7 23 PC7 |