| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM351-RTR bảng dữ liệu(PDF) 92 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM351-RTR bảng dữ liệu(HTML) 92 Page - Silicon Laboratories |
|
92 / 241 page ![]() Rev 1.3 92 SC1_TWICTRL1: Address: 0x4000C84C Reset: 0x0 SC2_TWICTRL1: Address: 0x4000C04C Reset: 0x0 SC1_TWICTRL2: Address: 0x4000C850 Reset: 0x0 SC2_TWICTRL2: Address: 0x4000C050 Reset: 0x0 Register 8.11. SCx_TWICTRL1 SC1_TWICTRL1: TWI Control Register 1 SC2_TWICTRL1: TWI Control Register 1 Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name 0 0 0 0 SC_TWISTOP SC_TWISTART SC_TWISEND SC_TWIRECV Bitname Bitfield Access Description SC_TWISTOP [3] RW Setting this bit sends the STOP command. It clears when the command com- pletes. SC_TWISTART [2] RW Setting this bit sends the START or repeated START command. It clears when the command completes. SC_TWISEND [1] RW Setting this bit transmits a byte. It clears when the command completes. SC_TWIRECV [0] RW Setting this bit receives a byte. It clears when the command completes. Register 8.12. SCx_TWICTRL2 SC1_TWICTRL2: TWI Control Register 2 SC2_TWICTRL2: TWI Control Register 2 Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name 0 0 0 0 0 0 0 SC_TWIACK Bitname Bitfield Access Description SC_TWIACK [0] RW Setting this bit signals ACK after a received byte. Clearing this bit signals NACK after a received byte. |