| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC2200 bảng dữ liệu(PDF) 55 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SC2200 bảng dữ liệu(HTML) 55 Page - National Semiconductor (TI) |
|
55 / 433 page ![]() Revision 3.0 55 www.national.com Signal Definitions (Continued) Ball No. Internal Test Internal Test TFT AL16 V30 GXCLK PMR[23] = 0 and PMR[29] = 0 TEST3 PMR[23] = 0 and PMR[29] = 1 FP_VDD_ON PMR[23] = 1 1. The combination of PMR[21] = 1 and PMR[2] = 0 is undefined and should not be used. 2. The combination of PMR[9] = 1 and PMR[4] = 0 is undefined and should not be used. 3. These TFT outputs are reset to 0 by POR# if the TFT_PRSNT strap is pulled high or PMR[10] = 0. This relates to signals TFTD[17:0], TFTDE, TFTDCK. Table 2-8. Three-Signal/Group Multiplexing (Continued) EBGA TEPBGA Default Alternate1 Alternate2 Signal Configuration Signal Configuration Signal Configuration Table 2-9. Four-Signal/Group Multiplexing Default Alternate1 Alternate2 Alternate3 Signal Configuration Signal Configuration Signal Configuration Signal Configuration Ball No. GPIO UART2 IDE2 Internal Test AH4 C30 GPIO7 PMR[17] = 0 and PMR[8] = 0 RTS2# PMR[17] = 1 and PMR[8] = 0 IDE_DACK1# PMR[17] = 0 and PMR[8] = 1 SDTEST0 PMR[17] = 1 and PMR[8] = 1 AJ2 C31 GPIO8 CTS2# IDE_DREQ1 SDTEST4 AH3 D28 GPIO6 PMR[18] = 0 and PMR[8] = 0 DTR2#/BOUT2 PMR[18] = 1 and PMR[8] = 0 IDE_IOR1# PMR[18] = 0 and PMR[8] = 1 SDTEST5 PMR[18] = 1 and PMR[8] = 1 AG4 C28 GPIO9 DCD2# IDE_IOW1# SDTEST2 AJ1 B29 GPIO10 DSR2# IDE_IORDY1 SDTEST1 |