công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 200 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 200 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 196Page - Microchip Technology PIC18F4331 Datasheet HTML 197Page - Microchip Technology PIC18F4331 Datasheet HTML 198Page - Microchip Technology PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology PIC18F4331 Datasheet HTML 202Page - Microchip Technology PIC18F4331 Datasheet HTML 203Page - Microchip Technology PIC18F4331 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 198
Preliminary
 2003 Microchip Technology Inc.
17.6.5
COMPLEMENTARY PWM
OPERATION
The Complementary mode of PWM operation is useful
to drive one or more power switches in half-bridge
configuration as shown in Figure 17-16. This inverter
topology is typical for a 3-phase induction motor,
brushless DC motor or a 3-phase Uninterruptible
Power Supply (UPS) control applications. Each
upper/lower
power
switch
pair
is
fed
by
a
complementary PWM signal. Dead time may be
optionally inserted during device switching where both
outputs
are
inactive
for
a
short
period
(see
Section 17.7
“Dead
Time
Generators”).
In
Complementary mode, the duty cycle comparison units
are assigned to the PWM outputs as follows:
• PDC0 register controls PWM1/PWM0 outputs
• PDC1 register controls PWM3/PWM2 outputs
• PDC2 register controls PWM5/PWM4 outputs
• PDC3 register controls PWM7/PWM6 outputs
PWM1/3/5/7 are the main PWMs that are controlled by
the
PDC
registers
and
PWM0/2/4/6
are
the
complemented outputs. When using the PWMs to
control the half bridge, the odd number PWMs can be
used to control the upper power switch and the even
numbered PWMs for the lower switches.
FIGURE 17-16:
TYPICAL LOAD FOR
COMPLEMENTARY PWM
OUTPUTS
The Complementary mode is selected for each PWM
I/O pin pair by clearing the appropriate PMODx bit in
the PWMCON0 register. The PWM I/O pins are set to
Complementary mode by default upon all kinds of
device resets.
+V
3 Phase
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com